Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812B Datasheet(PDF) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AMC7812B Datasheet(HTML) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AMC7812B Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AMC7812B Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
PIN DESCRIPTIONS
NAME
NO.
DESCRIPTION
A2
11
Slave address selection A2 for I2C when the SPI/I2C pin is low.
ADC-GND
32
ADC ground. Must be connected to AGND.
External ADC reference input when external VREF is used to drive the ADC. A compensation capacitor connection
ADC-REF-IN/CMP
31
(connect a 4.7-µF capacitor between this pin and AGND) when internal VREF is used to drive the ADC.
AGND1
54
Analog ground
AGND2
55
Analog ground
AGND3
22
Analog ground
AGND4
21
Analog ground
Global alarm. Open-drain output. An external 10-k
Ω, pull-up resistor is required. This pin goes low (active) when one
ALARM
62
(or more) analog channels are out of range.
Positive analog power for DAC6-OUT, DAC7-OUT, DAC8-OUT, DAC9-OUT, DAC10-OUT, and DAC11-OUT, must be tied
AVCC1
56
to AVCC2
Positive analog power for DAC0-OUT, DAC1-OUT, DAC2-OUT, DAC3-OUT, DAC4-OUT, and DAC5-OUT, must be tied to
AVCC2
23
AVCC1
AVDD1
49
Positive analog power supply
AVDD2
50
Positive analog power supply
Analog inputs of channel 0 to 15. CH4 to CH15 are single-ended. CH0, CH1, CH2, and CH3 can be programmed as
CH0 to CH15
33-48
differential or single-ended.
CNVT
3
External conversion trigger, active low. The falling edge initiates the sampling and conversion of the ADC.
CS/A0
9
Chip-select signal for SPI when the SPI/I2C pin is high. Slave address selection A0 for I2C when the SPI/I2C pin is low.
D1–/GPIO4
29
Remote sensor D1 negative input when D1 is enabled; GPIO-6 when D1 is disabled. Pull-up resistor required for output.
D1+/GPIO-5
30
Remote sensor D1 positive input when D1 is enabled; GPIO-7 when D1 is disabled. Pull-up resistor required for output.
D2–/GPIO-6
27
Remote sensor D2 negative input when D2 is enabled; GPIO-6 when D2 is disabled. Pull-up resistor required for output.
D2+/GPIO-7
28
Remote sensor D2 positive input when D2 is enabled; GPIO-7 when D2 is disabled. Pull-up resistor required for output.
DAC0-OUT
26
DAC channel 0 output
DAC1-OUT
25
DAC channel 1 output
DAC2-OUT
24
DAC channel 2 output
DAC3-OUT
20
DAC channel 3 output
DAC4-OUT
19
DAC channel 4 output
DAC5-OUT
18
DAC channel 5 output
DAC6-OUT
51
DAC channel 6 output
DAC7-OUT
52
DAC channel 7 output
DAC8-OUT
53
DAC channel 8 output
DAC9-OUT
59
DAC channel 9 output
DAC10-OUT
60
DAC channel 10 output
DAC11-OUT
61
DAC channel 11 output
DAC clear control signal, digital input, active low. When low, all DACs associated with the DAC-CLR-0 pin enter a clear
state, the DAC latch is loaded with a predefined code, and the output is set to the corresponding level. However, the DAC-
DAC-CLR-0
17
data register does not change. When the DAC goes back to normal operation, the DAC latch is loaded with the previous
data from the DAC-data register and the output returns to the previous level, regardless of the status of the SLDAC-n bit.
When this pin is high, the DACs are in normal operation.
DAC clear control signal, digital input, active low. When low, all DACs associated with the DAC-CLR-1 pin enter a clear
state, the DAC latch is loaded with a predefined code, and the output is set to the corresponding level. However, the DAC-
DAC-CLR-1
63
data register does not change. When the DAC goes back to normal operation, the DAC latch is loaded with the previous
data from the DAC-data register and the output returns to the previous level, regardless of the status of the SLDAC-n bit.
When this pin is high, the DACs are in normal operation.
Data available indicator, active low output. In direct mode, the DAV pin goes low (active) when the conversion ends. In
DAV
2
auto mode, a 1-µs pulse (active low) appears on this pin when a conversion cycle completes (see the Primary ADC
Operation and Registers sections for details). DAV stays high when deactivated.
DGND
6
Digital ground
DGND2
64
Digital ground
DVDD
8
Digital power supply (+3 V to +5 V). Must be the same value as AVDD.
GPIO-0
13
GPIO-1
14
General-purpose digital inputs and outputs. These pins are bidirectional open-drain, digital input and output pins, and
require an external pull-up resistor. See the General Purpose Input/Output Pins section for more details.
GPIO-2
15
GPIO-3
16
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com