Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB733 Datasheet(PDF) 18 Page - ITT Industries

Part # ASTMB733
Description  CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB733 Datasheet(HTML) 18 Page - ITT Industries

Back Button ASTMB733 Datasheet HTML 14Page - ITT Industries ASTMB733 Datasheet HTML 15Page - ITT Industries ASTMB733 Datasheet HTML 16Page - ITT Industries ASTMB733 Datasheet HTML 17Page - ITT Industries ASTMB733 Datasheet HTML 18Page - ITT Industries ASTMB733 Datasheet HTML 19Page - ITT Industries ASTMB733 Datasheet HTML 20Page - ITT Industries ASTMB733 Datasheet HTML 21Page - ITT Industries ASTMB733 Datasheet HTML 22Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
18
TABLE XI. Qualification inspection – Continued.
1/
Connector class:
1. Classes D and G
-Removable contact connectors.
2. Classes D and G -Nonremovable contact connectors.
3. Classes M and N -Removable contact connectors.
4. Classes M and N -Nonremovable contact connectors.
5. Classes H and K -Nonremovable contact connectors.
2/
Not applicable for periodic inspection.
3/
Not applicable for non-removable contacts.
4/
DC Connectors shall meet the test requirements specified for classes G and D nonremovable contact
connectors.
5/
See 4.5.1.1 (nonmetallic materials of two connector assemblies).
6/
Not applicable for crimp, wrappost, and IDC contacts.
7/
Not applicable for hermetic connectors.
4.4 Conformance inspection.
4.4.1 Inspection of product for delivery. Inspection of product for delivery shall consist of group A inspection.
4.4.1.1 Inspection lot. An inspection lot shall consist of all connectors or removable crimp contacts, as applicable,
covered by one specification sheet, produced under essentially the same conditions, and offered for inspection at one
time.
4.4.1.2 Group A inspection. Group A inspection shall consist of the inspections specified in Table XII, in the order
shown.
4.4.1.2.1 Sampling plan (group A). Table XII tests shall be performed on a production lot basis. Samples shall be
selected as specified in table XIII. If one or more defects are found, the lot shall be screened for that particular defect
and the defective parts removed. A new sample of parts shall be selected as specified in table XIII and all group A
tests again performed. If one or more defects are found in the second sample, the lot shall be rejected and shall not
be supplied to this specification.
TABLE XII. Group A inspection.
Inspection
Requirement
paragraph
Test method
paragraph
Visual and mechanical inspection
3.1, 3.3, 3.4,
3.6, and 3.7
4.5.2
Contact engagement and separation forces
(nonremovable contacts)
3.5.10
4.5.12
Insulation resistance at ambient
temperature
3.5.8
4.5.10
Dielectric withstanding voltage
(sea level)
3.5.6
4.5.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com