Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB733 Datasheet(PDF) 20 Page - ITT Industries

Part # ASTMB733
Description  CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB733 Datasheet(HTML) 20 Page - ITT Industries

Back Button ASTMB733 Datasheet HTML 16Page - ITT Industries ASTMB733 Datasheet HTML 17Page - ITT Industries ASTMB733 Datasheet HTML 18Page - ITT Industries ASTMB733 Datasheet HTML 19Page - ITT Industries ASTMB733 Datasheet HTML 20Page - ITT Industries ASTMB733 Datasheet HTML 21Page - ITT Industries ASTMB733 Datasheet HTML 22Page - ITT Industries ASTMB733 Datasheet HTML 23Page - ITT Industries ASTMB733 Datasheet HTML 24Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
20
4.4.3.1.4 Noncompliance. If a sample fails to pass group B inspection, the manufacturer shall notify the qualifying
activity and the cognizant inspection activity of such failure and take corrective action on the materials or processes, or
both, as warranted, and on all units of product which can be corrected and which were manufactured using essentially
the same materials and processes, and which are considered subject to the same failure. Acceptance and shipment
of the product shall be discontinued until corrective action, acceptable to the qualifying activity has been taken. After
the corrective action has been taken, group B inspection shall be repeated on additional sample units (all inspections,
or the inspection which the original sample failed, at the option of the qualifying activity). Group A inspection may be
reinstituted; however, final acceptance and shipment shall be withheld until the group B inspection has shown that the
corrective action was successful. In the event of failure after inspection, information concerning the failure shall be
made available to the cognizant inspection activity and the qualifying activity.
4.5 Methods of inspection.
4.5.1 Test methods. The following tests and test procedures assure connector integrity within typical operating
conditions and applications. Alternate commercial industry standard test methods are allowed. However when and
alternate methods are used, the qualifying activity must be notified prior to performance of the test. The test methods
described herein are proven methods and shall be the referee method in cases of dispute.
4.5.2 Visual and mechanical inspection. Connectors and contacts shall be examined to verify that the dimensions,
materials, design, construction, marking, and workmanship are in accordance with the applicable requirements (see
3.1, 3.3, 3.4, 3.6, and 3.7).
4.5.3 Magnetic permeability (classes M and N) (see 3.5.1). Permeability shall be measured on classes M and N
connectors with an instrument conforming to ASTM A342/A342M. The connectors may be wired or unwired, but shall
not be carrying current. Requirements shall be as specified in 3.5.1.
4.5.4 Maintenance aging (crimp contact connectors only (see 3.5.2)). Connectors shall be tested in accordance
with test procedure EIA-364-24. Installing/removal tools shall be in accordance with the applicable specification sheet
(see 3.1). Twenty percent of the contacts in a plug or receptacle, but not less than three contacts per connector
mating half, shall be tested.
4.5.5 Contact insertion and removal forces (see 3.5.3). Contacts shall be inserted and removed in accordance with
test procedure EIA-364-05. Installing/removal tools shall be in accordance with the applicable specification sheet
(see 3.1).
4.5.6 Mating and unmating force (see 3.5.4). Mated connectors shall be tested in accordance with test procedure
EIA/ECA-364-13. The rate of mating and unmating shall be 1 to 10 inches per minute.
4.5.7 Contact retention (see 3.5.5). Connectors shall be tested in accordance with test procedure EIA/ECA-364-29.
The following details shall apply:
a.
Axial direction: Shall be applied in both directions.
b.
Axial load: As specified.
4.5.8 Dielectric withstanding voltage (see 3.5.6).
4.5.8.1 Sea level. Unmated connectors shall be tested in accordance with test procedure EIA-364-20, condition I.
The applicable test voltages specified in 3.5.6 shall be applied between all adjacent contacts and between the shell
and each peripheral contact. Requirements shall be as specified in 3.5.6. For group A inspection testing, voltage may
be applied for a minimum of 10 seconds.
4.5.8.2 Altitude. The connectors shall be tested in accordance with test procedure EIA-364-20, condition IV. After
5 minutes at the simulated altitude, the connectors shall be tested as specified in 4.5.8.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com