Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS3L60
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS3L60_09 Datasheet HTML 3Page - STMicroelectronics STPS3L60_09 Datasheet HTML 4Page - STMicroelectronics STPS3L60_09 Datasheet HTML 5Page - STMicroelectronics STPS3L60_09 Datasheet HTML 6Page - STMicroelectronics STPS3L60_09 Datasheet HTML 7Page - STMicroelectronics STPS3L60_09 Datasheet HTML 8Page - STMicroelectronics STPS3L60_09 Datasheet HTML 9Page - STMicroelectronics STPS3L60_09 Datasheet HTML 10Page - STMicroelectronics STPS3L60_09 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
STPS3L60
10/11
Doc ID 7505 Rev 6
3
Ordering information
4
Revision history
Table 7.
Ordering information
Order codes
Marking
Package
Weight
Base qty
Delivery mode
STPS3L60
STPS3L60
DO-201AD
1.12 g
600
Ammopack
STPS3L60RL
STPS3L60
DO-201AD
1.12 g
1900
Tape and reel
STPS3L60Q
STPS3L60
DO-15
0.4 g
1000
Ammopack
STPS3L60QRL
STPS3L60
DO-15
0.4 g
6000
Tape and reel
STPS3L60U
G36
SMB
0.107 g
2500
Tape and reel
STPS3L60UF
FG36
SMBflat
0.136 g
5000
Tape and reel
Table 8.
Document revision history
Date
Revision
Changes
July-2003
5A
Previous issue
12-Jun-2009
6
Reformatted to current standards. Added SMBflat package.
Added ECOPACK statement. Added cathode band graphics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com