Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS3L60
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS3L60_09 Datasheet HTML 1Page - STMicroelectronics STPS3L60_09 Datasheet HTML 2Page - STMicroelectronics STPS3L60_09 Datasheet HTML 3Page - STMicroelectronics STPS3L60_09 Datasheet HTML 4Page - STMicroelectronics STPS3L60_09 Datasheet HTML 5Page - STMicroelectronics STPS3L60_09 Datasheet HTML 6Page - STMicroelectronics STPS3L60_09 Datasheet HTML 7Page - STMicroelectronics STPS3L60_09 Datasheet HTML 8Page - STMicroelectronics STPS3L60_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
STPS3L60
2/11
Doc ID 7505 Rev 6
1
Characteristics
Table 2.
Absolute ratings(1)
1.
limiting values, per diode
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS) RMS forward current
10
A
IF(AV)
Average forward current
TL = 105 °C δ = 0.5
(DO-201AD, SMB)
3A
TL = 72 °C δ = 0.5
(DO-15)
TL = 127 °C δ = 0.5
(SMBflat)
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
100
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
2000
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature(2)
2.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
dV/dt
Critical rate of rise reverse voltage
10000
V/µs
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to leads
SMBflat
10
°C/W
SMB
20
Lead length = 10 mm
DO-201AD
20
DO-15
35
dPtot
dTj
---------------
1
Rth j
a
()
--------------------------
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com