Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3L60
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3L60 Datasheet HTML 1Page - STMicroelectronics STPS3L60 Datasheet HTML 2Page - STMicroelectronics STPS3L60 Datasheet HTML 3Page - STMicroelectronics STPS3L60 Datasheet HTML 4Page - STMicroelectronics STPS3L60 Datasheet HTML 5Page - STMicroelectronics STPS3L60 Datasheet HTML 6Page - STMicroelectronics STPS3L60 Datasheet HTML 7Page - STMicroelectronics STPS3L60 Datasheet HTML 8Page - STMicroelectronics STPS3L60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
June 2009
Doc ID 7505 Rev 6
1/11
11
STPS3L60
Power Schottky rectifier
Features
■ Negligible switching losses
■ Low forward voltage drop
■ Avalanche capability specified
Description
Axial and surface mount power Schottky rectifier
suited for switch mode power supplies and high
frequency dc to dc converters. Packaged in
DO-201AD, DO-15, SMB and SMBflat, this device
is intended for use in low voltage, high frequency
inverters and small battery chargers and for
applications where there are space constraints,
for example telecom battery charger.
Table 1.
Device summary
IF(AV)
3 A
VRRM
60 V
Tj (max)
150 °C
VF (max)
0.61 V
K
A
K
A
K
A
K
A
SMB
STPS3L60U
DO-201AD
STPS3L60
DO-15
STPS3L60Q
SMBflat
STPS3L60UF
www.st.com


Similar Part No. - STPS3L60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
287Kb / 17P
60 V, 3 A low drop Schottky rectifier
31-Jan-2020
STPS3L60-C2 STMICROELECTRONICS-STPS3L60-C2 Datasheet
61Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
Automotive power Schottky rectifier
15-Sep-2011
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
Automotive power Schottky rectifier
15-Sep-2011
More results

Similar Description - STPS3L60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com