Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP9NK65Z Datasheet(PDF) 13 Page - STMicroelectronics

Part # STP9NK65Z
Description  N-channel 650 V - 1 - 6.4 A TO-220 / TO-220FP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9NK65Z Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STP9NK65Z Datasheet HTML 7Page - STMicroelectronics STP9NK65Z Datasheet HTML 8Page - STMicroelectronics STP9NK65Z Datasheet HTML 9Page - STMicroelectronics STP9NK65Z Datasheet HTML 10Page - STMicroelectronics STP9NK65Z Datasheet HTML 11Page - STMicroelectronics STP9NK65Z Datasheet HTML 12Page - STMicroelectronics STP9NK65Z Datasheet HTML 13Page - STMicroelectronics STP9NK65Z Datasheet HTML 14Page - STMicroelectronics STP9NK65Z Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
STP9NK65Z - STP9NK65ZFP
Package mechanical data
13/15
1
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.009
0.106
C
1
1.4
0.039
0.055
D
2.4
2.75
0.094
0.108
E
0.4
0.7
0.015
0.027
F
0.75
1
0.029
0.039
F1
1.15
1.7
0.045
0.066
G
4.68
5.48
0.184
0.215
G1
2.24
2.84
0.088
0.111
H
10
10.4
0.393
0.409
L1
18.4
19.2
0.724
0.755
L2
16
0.629
L4
15.3
16.1
0.602
0.633
L5
3.4
0.133
L6
15.9
16.4
0.625
0.665
L7
9
9.3
0.354
0.366
L8
22.5
23.6
0.885
0.929
M
4.6
5.4
0.181
0.212
N2.29
3.29
0.090
0.129
Dia
3
3.2
R0.5
0.019
TO-220FP(040Y) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com