Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP9NK65Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP9NK65Z
Description  N-channel 650 V - 1 - 6.4 A TO-220 / TO-220FP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9NK65Z Datasheet(HTML) 3 Page - STMicroelectronics

  STP9NK65Z Datasheet HTML 1Page - STMicroelectronics STP9NK65Z Datasheet HTML 2Page - STMicroelectronics STP9NK65Z Datasheet HTML 3Page - STMicroelectronics STP9NK65Z Datasheet HTML 4Page - STMicroelectronics STP9NK65Z Datasheet HTML 5Page - STMicroelectronics STP9NK65Z Datasheet HTML 6Page - STMicroelectronics STP9NK65Z Datasheet HTML 7Page - STMicroelectronics STP9NK65Z Datasheet HTML 8Page - STMicroelectronics STP9NK65Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STP9NK65Z - STP9NK65ZFP
Electrical ratings
3/15
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
TO-220FP
VDS
Drain-source voltage (VGS = 0)
650
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
6.4
6.4 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100 °C
4
4(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
25.6
25.6 (1)
A
PTOT
Total dissipation at TC = 25 °C
125
30
W
Derating factor
1
0.24
W/°C
VESD(G-S)
Gate source ESD(HBM-C=100 pF, R=1.5 k
Ω)
4000
V
dv/dt (3)
3.
ISD ≤ 6.4 A, di/dt ≤ 200 A/µs, VDD ≤ 80%V(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (DC)
-
2500
V
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
-55 to 150
°C
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
TO-220FP
Rthj-case
Thermal resistance junction-case max
1
4.2
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering purpose
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj Max)
6.4
A
EAS
Single pulse avalanche energy
(starting Tj=25 °C, ID=IAR, VDD=50 V)
200
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com