Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1815TWX7F Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM1815TWX7F
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1815TWX7F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM1815TWX7F Datasheet HTML 5Page - STMicroelectronics STM1815TWX7F Datasheet HTML 6Page - STMicroelectronics STM1815TWX7F Datasheet HTML 7Page - STMicroelectronics STM1815TWX7F Datasheet HTML 8Page - STMicroelectronics STM1815TWX7F Datasheet HTML 9Page - STMicroelectronics STM1815TWX7F Datasheet HTML 10Page - STMicroelectronics STM1815TWX7F Datasheet HTML 11Page - STMicroelectronics STM1815TWX7F Datasheet HTML 12Page - STMicroelectronics STM1815TWX7F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
STM1810/1811/1812/1813/1815/1816/1817/1818
Operation
Doc ID11464 Rev 8
9/25
2
Operation
2.1
Reset output
The STM181x asserts a reset signal to the microcontroller (MCU) whenever VCC goes
below the reset threshold (VRST), and is guaranteed valid down to VCC = 1.0 V (0 °C to
105 °C). A microcontroller’s (MCU) reset input starts the MCU in a known state. The
STM1810 - STM1813/ STM1815 - STM1818 low power reset circuits assert reset to prevent
code-execution errors during power-up, power-down, and brownout conditions (Figure 7).
During power-up, once VCC exceeds the reset threshold an internal timer keeps RST low for
the reset time-out period, trec. After this interval, RST returns high.
If VCC drops below the reset threshold, RST goes low. Each time RST is asserted, it stays
low for at least the reset time-out period. Any time VCC goes below the reset threshold, the
internal timer clears. The reset timer starts when VCC returns above the reset threshold.
Reset trec is also triggered by an externally initiated rising edge on the RST pin
(STM1813/STM1818), following a low signal of 1.5 µs minimum duration.
2.2
Push-button detect reset (STM1813/1818)
Many systems require push-button reset capability (Figure 8), allowing the user or external
logic circuitry to initiate reset. On the STM1813/STM1818, a logic low on RST held for
greater than 1.5 µs asserts a reset. RST deasserts following a 100 ms minimum reset time-
out delay (trec). A manual reset input shorter than 1.5 µs may release RST without the
100 ms minimum reset time-out delay. To facilitate use with mechanical switches, the
STM1813/STM1818 contain internal debounce circuitry. A debounced waveform is shown in
Figure 9 The RST output has an internal 5.5 k
Ω pull-up resistor.
2.3
Interfacing to bidirectional microcontrollers (MCU’s)
As the RST output on the STM1811/STM1816 is open-drain, these devices interface easily
with MCU’s that have bidirectional reset pins. Connecting the µP supervisor’s reset (RST)
output directly to the microcontroller’s reset (RST) pin allows either device to assert reset
(Figure 10). No external pull-up resistor is required, as it is within the STM1811/STM1816.
2.4
Negative going VCC transients
The STM181x are relatively immune to negative-going VCC transients (glitches). Figure 19
shows typical transient duration versus reset comparator overdrive (for which the STM181x
will NOT generate a reset pulse). The graph was generated using a negative pulse applied
to VCC, starting at 0.5 V above the actual reset threshold and ending below it by the
magnitude indicated (comparator overdrive). The graph indicates the maximum pulse width
a negative VCC transient can have without causing a reset pulse. As the magnitude of the
transient increases (further below the threshold), the maximum allowable pulse width
decreases. Any combination of duration and overdrive which lies under the curve will NOT
generate a reset signal. Typically, a VCC transient that goes 100 mV below the reset
threshold and lasts 20 µs or less will not cause a reset pulse. A 0.1 µF bypass capacitor
mounted as close as possible to the VCC pin provides additional transient immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com