Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1815TWX7F Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM1815TWX7F
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1815TWX7F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM1815TWX7F Datasheet HTML 17Page - STMicroelectronics STM1815TWX7F Datasheet HTML 18Page - STMicroelectronics STM1815TWX7F Datasheet HTML 19Page - STMicroelectronics STM1815TWX7F Datasheet HTML 20Page - STMicroelectronics STM1815TWX7F Datasheet HTML 21Page - STMicroelectronics STM1815TWX7F Datasheet HTML 22Page - STMicroelectronics STM1815TWX7F Datasheet HTML 23Page - STMicroelectronics STM1815TWX7F Datasheet HTML 24Page - STMicroelectronics STM1815TWX7F Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
STM1810/1811/1812/1813/1815/1816/1817/1818
Package mechanical
Doc ID11464 Rev 8
21/25
Table 10.
SOT23-3 – 3-lead small outline transistor package mechanical data
Symbol
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
0.89
1.12
0.035
0.044
A1
0.01
0.10
0.001
0.004
A2
0.88
1.02
0.035
0.042
b
0.30
0.50
0.012
0.020
C
0.08
0.20
0.003
0.008
D
2.80
3.04
0.110
0.120
E
2.10
2.64
0.083
0.104
E1
1.20
1.40
0.047
0.055
e
0.89
1.03
0.035
0.041
e1
1.78
2.05
0.070
0.081
L
0.54
0.021
L1
0.40
0.60
0.016
0.024
Q
0 °8 °
0 °8 °
N3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com