Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1815SWX7F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM1815SWX7F
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1815SWX7F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM1815SWX7F Datasheet HTML 4Page - STMicroelectronics STM1815SWX7F Datasheet HTML 5Page - STMicroelectronics STM1815SWX7F Datasheet HTML 6Page - STMicroelectronics STM1815SWX7F Datasheet HTML 7Page - STMicroelectronics STM1815SWX7F Datasheet HTML 8Page - STMicroelectronics STM1815SWX7F Datasheet HTML 9Page - STMicroelectronics STM1815SWX7F Datasheet HTML 10Page - STMicroelectronics STM1815SWX7F Datasheet HTML 11Page - STMicroelectronics STM1815SWX7F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Description
STM1810/1811/1812/1813/1815/1816/1817/1818
8/25
Doc ID11464 Rev 8
1.2.3
Active-high RST output (push-pull)
Pulses high when VCC drops below VRST, and stays high as long as VCC is below the reset
threshold. It remains high for trec after VCC rises above the reset threshold.
1.2.4
Active-low RST output (open-drain with internal 5.5 k
Ω pull-up) with
manual reset detect
Pulses low when VCC drops below VRST, or RST is externally pulled low for at least 1.5 µs.
It remains low for tPBRST after VCC rises above the reset threshold, or after the external
manual reset is released (see Figure 9). RST output has an internal 5.5 k
Ω pull-up resistor.
1.2.5
VCC
Supply voltage and input for VRST comparator.
1.2.6
VSS
Ground, is the reference for the power supply. It must be connected to the system ground.
Table 3.
STM1810/STM1815
Pin
Name
Function
1RST
Active-low reset output (push-pull)
2VCC
Supply voltage and input for reset threshold monitor
3VSS
Ground
Table 4.
STM1811/STM1816
Pin
Name
Function
1RST
Active-low reset output (open-drain, with internal 5.5 k
Ω pull-up resistor)
2VCC
Supply voltage and input for reset threshold monitor
3VSS
Ground
Table 5.
STM1812/STM1817
Pin
Name
Function
1
RST
Active-high reset output (push-pull)
2VCC
Supply voltage and input for reset threshold monitor
3VSS
Ground
Table 6.
STM1813/STM1818
Pin
Name
Function
1RST
Active-low reset output (open-drain, with internal 5.5 k
Ω pull-up) with push-
button/manual reset detect
2VCC
Supply voltage and input for reset threshold monitor
3VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com