Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1815SWX7F Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM1815SWX7F
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1815SWX7F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM1815SWX7F Datasheet HTML 15Page - STMicroelectronics STM1815SWX7F Datasheet HTML 16Page - STMicroelectronics STM1815SWX7F Datasheet HTML 17Page - STMicroelectronics STM1815SWX7F Datasheet HTML 18Page - STMicroelectronics STM1815SWX7F Datasheet HTML 19Page - STMicroelectronics STM1815SWX7F Datasheet HTML 20Page - STMicroelectronics STM1815SWX7F Datasheet HTML 21Page - STMicroelectronics STM1815SWX7F Datasheet HTML 22Page - STMicroelectronics STM1815SWX7F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
STM1810/1811/1812/1813/1815/1816/1817/1818
DC and AC parameters
Doc ID11464 Rev 8
19/25
Table 9.
DC and AC characteristics
Sym.
Alter-
native
Description
Test condition(1)
Min.
Typ. Max. Unit
VCC
Operating voltage
TA = 0 to +105 °C
1.0
5.5
V
TA = –40 to +105 °C
1.2
5.5
V
ICC
VCC supply current
VCC = 3.6 V, no load
4
10
µA
VCC = 5.5 V, no load
9
16
µA
VIH
Input high voltage
STM1813/1818 only
0.7
VCC
V
VIL
Input low voltage
STM1813/1818 only
0.4
V
VOH
Output high voltage
0 < IOH < 500 µA
VCC
– 0.5
VCC
– 0.1
V
IOH
RST output source current
VCC ≥ VRST (max.), reset not asserted
(STM1810/STM1815)
350
µA
RST output source current
VCC ≤ VRST (min.), reset asserted
(STM1812/STM1817)
350
µA
IOL
RST output sink current
VCC ≥ 2.7 V, reset asserted,
VOUT = 0.4 V
(STM1810/1811/1813/1815/1816/1818)
10
mA
RST output sink current
VCC ≥ 2.7 V, reset not asserted,
VOUT = 0.4 V, (STM1812/1817)
10
mA
COUT
Output capacitance(2)
10
pF
Reset thresholds
VRST
Reset threshold
STM181xL
25 °C
4.62
V
–40 to 105 °C
4.50
4.75
V
STM181xM
25 °C
4.37
V
–40 to 105 °C
4.25
4.49
V
STM181xT
25 °C
3.06
V
–40 to 105 °C
2.98
3.15
V
STM181xS
25 °C
2.88
V
–40 to 105 °C
2.80
2.97
V
STM181xR
25 °C
2.55
V
–40 to 105 °C
2.47
2.64
V
tRD
VCC to RST delay
VCC = (VTH + 100 mV) falling to
(VTH – 200 mV)
25
µs
trec
RST pulse width
VCC Rising
100
150
200
ms
Push-button reset detect (STM1813, STM1818)
tPB
Push-button detect to RST
STM1813/1818
1.5
µs
tPBRST
Push-button RST time-out
From rising edge
100
150
200
ms
Internal pull-up resistance
STM1811/1816
3.5
5.5
7.5
k
Ω
STM1813/1818
3.1
5.5
7.5
k
Ω
1.
Valid for ambient operating temperature: TA = –40 °C to 105 °C; VCC = 1.2 V to 5.5 V (except where noted).
2.
The STM1811/1813/1816/1818 have an internal pull-up resistor which may sink 1 mA of current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com