Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL65I7SA Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # QL65I7SA
Description  Red Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

QL65I7SA Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  QL65I7SA Datasheet HTML 1Page - Roithner LaserTechnik GmbH QL65I7SA Datasheet HTML 2Page - Roithner LaserTechnik GmbH QL65I7SA Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16.02.2011
QL65I7SA
1 of 3
QL65I7SA
TECHNICAL DATA
Red Laser Diode
Features
• InGaAlP laser diode
• Peak Wavelength: 658 nm
• Optical Ouput Power: 30 mW
• Package: 5.6 mm, with Photo Diode
Electrical Connection
Pin Configuration
Bottom View
m-type
PIN
Function
1
LD Cathode
2
LD Anode, PD Cathode
3
PD Anode
Absolute Maximum Ratings (TC=25°C)
Item
Symbol
Value
Unit
PO (CW)
35
Optical Output Power
PO (pulse)
50
mW
LD Reverse Voltage
VR (LD)
2
V
PD Reverse Voltage
VR (PD)
30
V
Operating Case Temperature
TC
-10 … +70
°C
Storage Temperature
Tstg
-40 … +85
°C
Specifications (TC=25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Optical Specifications
Optical Output Power (CW)
PO
-
30
-
mW
Peak Wavelength
λ
P
-
658
665
nm
θ║
7.0
9.5
13.0
deg
FWHM Beam Divergence
θ┴
18
22
26
deg
Δθ║
-
-
±3.0
deg
Emission Point Accuracy
Angle
Δθ┴
-
-
±3.0
deg
Astigmatism
As
-
-
±60
µm
Electrical Specifications
Threshold Current
Ith
-
35
50
mA
Operating Current
Iop
-
65
100
mA
Slope Efficiency
η
0.7
1.0
1.3
W/A
Operating Voltage
Uop
-
2.0
2.4
V
Monitor Current
Im
0.05
0.3
1.5
mA
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - QL65I7SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL65D5SA ETC1-QL65D5SA Datasheet
32Kb / 3P
InGaAlP Laser Diode
QL65D6SA ETC1-QL65D6SA Datasheet
85Kb / 7P
InGaAlP Laser Diode
logo
Roithner LaserTechnik G...
QL65D6SA ROITHNER-QL65D6SA Datasheet
173Kb / 3P
red laser diode
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
OVERVIEW
QL65E7S-ABC ROITHNER-QL65E7S-ABC Datasheet
180Kb / 3P
laser module
More results

Similar Description - QL65I7SA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT050PS SHARP-LT050PS Datasheet
23Kb / 1P
Red Laser Diode
logo
Sanyo Semicon Device
DL-3147-065 SANYO-DL-3147-065 Datasheet
35Kb / 2P
RED LASER DIODE
DL-LS1034 SANYO-DL-LS1034 Datasheet
43Kb / 2P
RED LASER DIODE
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
RED LASER DIODE
DL-3247-165 SANYO-DL-3247-165 Datasheet
38Kb / 2P
RED LASER DIODE
logo
Roithner LaserTechnik G...
S6305MG ROITHNER-S6305MG Datasheet
213Kb / 5P
Red Laser Diode
QL63D5SA ROITHNER-QL63D5SA Datasheet
235Kb / 5P
red laser diode
RLTMRL-3-635 ROITHNER-RLTMRL-3-635 Datasheet
205Kb / 5P
Red Diode Laser
RLTMRL-3-655 ROITHNER-RLTMRL-3-655 Datasheet
195Kb / 1P
red diode laser
RLTMRL-685 ROITHNER-RLTMRL-685 Datasheet
181Kb / 1P
red diode laser
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com