Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL67D6SA Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # QL67D6SA
Description  InGaAlP Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

QL67D6SA Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  QL67D6SA Datasheet HTML 1Page - Roithner LaserTechnik GmbH QL67D6SA Datasheet HTML 2Page - Roithner LaserTechnik GmbH QL67D6SA Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QL67D6SA
InGaAlP Laser Diode
2003.
Rev 1.
OVERVIEW
QL67D6SA is a MOCVD grown 670 nm band gain-guided type InGaAlP laser diode with quantum
well structure. It's an attractive light source, with a typical light output power of 5 mW for opto-
electronic devices such as Bar Code Reader.
APPLICATION
Optical Leveler
Laser Module
Bar Code Reader
FEATURES
Visible Light Output
:
λp = 670 nm
Optical Power Output
:
5 mW CW
Package Type
:
TO-18 (5.6 mm
φ)
Built-in Photo Diode for Monitoring Laser Output
ELECTRICAL CONNECTION
Bottom View
Pin Configuration


Similar Part No. - QL67D6SA

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL67F6S ROITHNER-QL67F6S Datasheet
504Kb / 3P
Red Laser Diode
QL67F6S-A ROITHNER-QL67F6S-A Datasheet
86Kb / 5P
LASER DIODE SPECIFICATIONS
QL67F6S-B ROITHNER-QL67F6S-B Datasheet
86Kb / 5P
LASER DIODE SPECIFICATIONS
QL67F6S-C ROITHNER-QL67F6S-C Datasheet
86Kb / 5P
LASER DIODE SPECIFICATIONS
QL67F6SA ROITHNER-QL67F6SA Datasheet
504Kb / 3P
Red Laser Diode
More results

Similar Description - QL67D6SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL65D6SA ETC1-QL65D6SA Datasheet
85Kb / 7P
InGaAlP Laser Diode
QL65D5SA ETC1-QL65D5SA Datasheet
32Kb / 3P
InGaAlP Laser Diode
QL65F6SA ETC1-QL65F6SA Datasheet
45Kb / 3P
InGaAlP Laser Diode
QL63F5SA ETC2-QL63F5SA Datasheet
33Kb / 3P
InGaAlP Laser Diode
QL63D5SA ETC2-QL63D5SA Datasheet
30Kb / 3P
InGaAlP Laser Diode
logo
KODENSHI_AUK CORP.
KLB-16AYG KODENSHI-KLB-16AYG Datasheet
125Kb / 2P
Light Emitting Diode(InGaAlP)
KLB-320O KODENSHI-KLB-320O Datasheet
145Kb / 2P
Light Emitting Diode(InGaAlP)
KLB-520O KODENSHI-KLB-520O Datasheet
148Kb / 2P
Light Emitting Diode(InGaAlP)
KLB-520R KODENSHI-KLB-520R Datasheet
155Kb / 2P
Light Emitting Diode(InGaAlP)
KLL-5ER KODENSHI-KLL-5ER Datasheet
155Kb / 2P
Light Emitting Diode(InGaAlP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com