Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL67D6SA Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # QL67D6SA
Description  InGaAlP Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

QL67D6SA Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  QL67D6SA Datasheet HTML 1Page - Roithner LaserTechnik GmbH QL67D6SA Datasheet HTML 2Page - Roithner LaserTechnik GmbH QL67D6SA Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABSOLUTE MAXIMUM RATING at Tc = 25°C
Items
Symbols
Values
Unit
Optical Output Power
P
5
mW
Laser Diode Reverse
Voltage
V
2
V
Photo Diode Reverse
Voltage
V
30
V
Operating Temperature
Topr
-10 .. +60
°C
Storage Temperature
Tstg
-40 .. +85
°C
ELECTRICAL and OPTICAL CHARACTERISTICS at Tc = 25°C
Items
Symbols
Min.
Typ.
Max.
Unit
Condition
Optical Output Power
Po
-
5
-
mW
-
Threshold Current
Ith
-
40
60
mA
-
Operating Current
Iop
-
50
70
mA
Po=5mW
Operating Voltage
Vop
-
2.3
2.6
V
Po=5mW
Lasing Wavelength
λ p
660
670
680
nm
Po=5mW
θII
8
11
15
deg
Po=5mW
Beam Divergence
θ
24
32
35
deg
Po=5mW
∆θ II
-
-
1.5
deg
Po=5mW
Beam Angle
∆θ
-
-
2.5
deg
Po=5mW
Monitor Current
Im
0.1
0.2
0.5
mA
Po=5mW
Optical Distance
X,Y,Z
-
-
60
µm
NOTICE : QL67D6SA to be operated on APC circuit
The above product specification are subject to change without notice



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com