Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3MBBULK Datasheet(PDF) 3 Page - Amphenol Corporation

Part # AX3MBBULK
Description  AX SERIES XLR CABLE CONNECTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AX3MBBULK Datasheet(HTML) 3 Page - Amphenol Corporation

  AX3MBBULK Datasheet HTML 1Page - Amphenol Corporation AX3MBBULK Datasheet HTML 2Page - Amphenol Corporation AX3MBBULK Datasheet HTML 3Page - Amphenol Corporation AX3MBBULK Datasheet HTML 4Page - Amphenol Corporation AX3MBBULK Datasheet HTML 5Page - Amphenol Corporation AX3MBBULK Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AX SERIES XLR CABLE CONNECTORS
METAL SHELL TYPE - SOLDER
ENTERTAINMENT INTERCONNECT CATALOGUE - Amphenol Australia Pty Ltd Telephone 61 3 8796 8888 Fax 61 3 8796 8801
www.amphenolaudio.com
5
PRODUCT - FIGURE
DRAWING
Dimensions in mm (inches)
DESCRIPTION
VARIATIONS
PART NUMBER
Standard
AX4MB
XLR 4 pole male
Machined contacts
Black Finish
XLR 4 pole female
Machined contacts
Nickel Finish
XLR 4 pole female
Machined contacts
Black Finish
XLR 5 pole male
Machined contacts
Nickel Finish
XLR 5 pole male
Machined contacts
Black Finish
XLR 5 pole female
Machined contacts
Nickel Finish
XLR 5 pole female
Machined contacts
Black Finish
Bulk Pack
AX5FB-AU
AX5FB BULK
Standard
Gold Plated Contacts
AX5FB
Bulk Pack
AX5F-AU
AX5F BULK
Standard
Gold Plated Contacts
AX5F
Bulk Pack
AX5MB-AU
AX5MB BULK
Standard
Gold Plated Contacts
AX5MB
Bulk Pack
AX5M-AU
AX5M BULK
Standard
Gold Plated Contacts
AX5M
Bulk Pack
AX4FB-AU
AX4FB BULK
Standard
Gold Plated Contacts
AX4FB
Bulk Pack
AX4MB-AU
AX4MB BULK
Gold Plated Contacts
Bulk Pack
AX4F-AU
AX4F BULK
Standard
Gold Plated Contacts
AX4F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com