Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3MBBULK Datasheet(PDF) 5 Page - Amphenol Corporation

Part # AX3MBBULK
Description  AX SERIES XLR CABLE CONNECTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AX3MBBULK Datasheet(HTML) 5 Page - Amphenol Corporation

  AX3MBBULK Datasheet HTML 1Page - Amphenol Corporation AX3MBBULK Datasheet HTML 2Page - Amphenol Corporation AX3MBBULK Datasheet HTML 3Page - Amphenol Corporation AX3MBBULK Datasheet HTML 4Page - Amphenol Corporation AX3MBBULK Datasheet HTML 5Page - Amphenol Corporation AX3MBBULK Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AX SERIES XLR CABLE CONNECTORS
METAL SHELL TYPE - SOLDER
ENTERTAINMENT INTERCONNECT CATALOGUE - Amphenol Australia Pty Ltd Telephone 61 3 8796 8888 Fax 61 3 8796 8801
www.amphenolaudio.com
6
BULK
Blank
Bulk Packed
Individual Bags
PACKAGING
=
=
SLEEVE OPTION
1
Brown
2
Red
=
=
3
Orange
4
Yellow
=
=
5
Green
6
Blue
=
=
7
Violet
8
Grey
=
=
9
White
C
Clear
=
=
F
M
Female Socket Contacts
Male Pin Contacts
GENDER
Blank
Nickel Plated Finish
B
Black Finish
SHELL FINISH
=
=
=
=
Blank
Standard Plating ( Silver or Tin -
Refer to Standard Data.)
AU
Gold Plated
=
=
CONTACT PLATING
PART NUMBER BREAKDOWN
METAL SHELL TYPE - SOLDER
E. G . AX3MB2-AU BULK
AX (Series Prefix), 3 contacts, Male, Black Finish,
2 (Red Sleeve)- AU (Gold Plated Contacts), Bulk Packaged.
AX
3
4
5
=
=
=
=
Series Prefix
3 Contacts
4 Contacts
5 Contacts
SERIES PREFIX
CONTACT LAYOUTS
-
AX
3
M
B
2
AU
BULK



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com