Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6421 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6421
Description  13-16 GHz 1W Power Amplifi er in SMT Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6421 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6421 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
0
5
10
15
20
25
30
35
40
8
10
121416
1820
Frequency [GHz]
-80
-60
-40
-20
0
S21[dB]
S12[dB]
-20
-15
-10
-5
0
8
101214161820
Frequency [GHz]
5
10
15
20
25
30
35
8
101214161820
Frequency [GHz]
0
2
4
6
8
10
8
10
121416
1820
Frequency [GHz]
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
10
11
12
13
14
15
16
17
18
19
20
Frequency [GHz]
0
5
10
15
20
25
30
35
40
-25
-20
-15
-10
-5
0
5
10
15
Pin [dBm]
0
200
400
600
800
1000
1200
1400
1600
Pout(dBm)
PAE[%]
Id(total)
S11[dB]
S22[dB]
P-1
PAE
AMMP-6421 Typical Performances
(Data obtained from 3.5-mm connector based test fixture, and this data is including connecter loss, and board loss.)
(TA = 25°C, Vd = 5 V, Id(q) = 600 mA, Zin = Zout = 50
)
Figure 1. Typical Gain and Reverse Isolation
Figure 2. Typical Return Loss (Input and Output)
Figure 3. Typical Output Power (@P-1) and PAE and Frequency
Figure 4. Typical Noise Figure
Figure 5. Typical Output Power, PAE, and Total Drain Current versus Input
Power at 14GHz
Figure 6. Typical IM3 level vs. Frequency at +20dBm output single carrier
level (SCL)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com