Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6421 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6421
Description  13-16 GHz 1W Power Amplifi er in SMT Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6421 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6421 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6421 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
-80
-70
-60
-50
-40
-30
-20
-10
0
4
6
8 101214161820 222426
SCL [dBm]
500
550
600
650
700
750
800
850
900
IM3[dBc]
Ids[mA]
-80
-70
-60
-50
-40
-30
-20
-10
0
4
6
8 10 12 14 16 18 20 22 24 26
SCL [dBm]
500
550
600
650
700
750
800
850
900
-80
-70
-60
-50
-40
-30
-20
-10
0
4
6
8 10 12 14 16 18 20 22 24 26
SCL [dBm]
500
550
600
650
700
750
800
850
900
-80
-70
-60
-50
-40
-30
-20
-10
0
4
6
8 10 12 14 16 18 20 22 24 26
SCL [dBm]
500
550
600
650
700
750
800
850
900
IM3[dBc]
Ids[mA]
IM3[dBc]
Ids[mA]
IM3[dBc]
Ids[mA]
Typical Performance (continued)
(Data obtained from 3.5-mm connector based test fixture, and this data is including connecter loss, and board loss.)
(TA = 25°C, Vd = 5 V, Id(q) = 600 mA, Zin = Zout = 50
)
Figure 9. Typical IM3 level and Ids vs. single carrier output level at 15GHz
Figure 10. Typical IM3 level and Ids vs. single carrier output level at 16GHz
Figure 7. Typical IM3 level and Ids vs. single carrier output level at 13GHz
Figure 8. Typical IM3 level and Ids vs. single carrier output level at 14GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com