Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3101A18-3SW Datasheet(PDF) 29 Page - Amphenol Corporation

Part # CS3101A18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3101A18-3SW Datasheet(HTML) 29 Page - Amphenol Corporation

Back Button CS3101A18-3SW Datasheet HTML 25Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 26Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 27Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 28Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 29Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 30Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 31Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 32Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 33Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
28
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
18-29
18-30
18-31
20-2
20-3
20-4
Service Rating
A
A
A
D
D
D
Number of Contacts
5
5
5
1
3
4
Contact Size
16
16
16
0
12
12
Insert Arrangement
20-6
20-7
20-8
20-9
20-11
20-12
Service Rating
D
A, B, H, G = D; C, D, E, F = A
Inst.
H = D; Bal. = A
Inst.
A
Number of Contacts
3
8
2
4
1
7
13
1
1
Contact Size
16
16
8
16
12
16
16
4
16
Insert Arrangement
20-14
20-15
20-16
20-17
20-18
20-19
Service Rating
A
A
A
A
A
A
Number of Contacts
2
3
7
27
51
36
3
Contact Size
8
12
12
1216
12
16
1216
8
CONTACT LEGEND
16
12
8
4
0
110° Rotation
of 18-20
260° Rotation
of 18-20
A
B
C
D
E
A
B
C
A
B
D
C
A
B
C
A
B
C
D
E
F
G
H
A
B
C
D
E
F
A
B
C
D
E
F
G
H
A
BC
D
E
F
GH
J
K
L
M
N
A
B
A
B
C
D
E
A
B
C
D
EG
F
A
B
C
D
E
F
G
H
I
A
B
C
D
E
F
A
B
C
D
E
F
G
H
I
A
B
C
110˚
AB
C
D
E
260˚
AB
C
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com