Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3101A18-3SW Datasheet(PDF) 53 Page - Amphenol Corporation

Part # CS3101A18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3101A18-3SW Datasheet(HTML) 53 Page - Amphenol Corporation

Back Button CS3101A18-3SW Datasheet HTML 49Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 50Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 51Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 52Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 53Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 54Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 55Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 56Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 57Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
52
Thermocouple
contact arrangements
Shell
Size
and Arrg.
Similar
to
MS Arrg.
Total
Contacts
Contact
Size
Pin
Insert
Rotation
C W
Contact Material
12
16
20-65
20-27
14
14
None
A, B, C, D, E, F, G = Ir.; H, I, J, K, L, M, N = Con.
20-67
20-16
9
2
7
None
H = Al.; I = Ch.; Balance = Cu.
20-68
20-7
8
8
None
A, B, G, H = Con.; C, D, E, F = Cu.
20-69
20-27
14
14
None
A, B, C, D, E, F, G = Cu.; H, I, J, K, L, M, N = Con.
20-70
20-29
17
17
None
A, C, E, G, J, L, N, R, T = Ir.; B, D, F, H, K, M, P, S = Con.
20-71
20-29
17
17
None
S = Al.; R = Ch.; Balance = Cu.
20-74
20-29
17
17
None
A, C, E, G, J, L, N, R = Ir.; B, D, F, H, K, M, P, S = Con.; T = Cu.
20-75
20-15
7
7
None
G = Al.; Balance = Ch.
20-77
20-16
9
2
7
None
A = Con.; Balance = Std.
20-80
20-27
14
14
None
A, C, E, G, I, K, M = Cu.; B, D, F, H, J, L, N = Con.
20-81
20-27
14
14
None
A, C, E, G, I, K, M = Ch.; B, D, F, H, J, L, N = Al.
20-82
20-29
17
17
None
A, C, E, G, J, L, N, R = Al.; B, D, F, H, K, M, P, S = Ch.; T = Cu.
22-36
22-23
8
8
347°
A, C, E, G = Ir.; B, D, F, H = Con.
22-57
22-14
19
19
45°
A, C, E, G, J, L, N, R = Ir.; B, D, F, H, K, M, P, S = Con.; T, U, V = Cu.
22-60
22-14
19
19
45°
U = Al.; N = Ch.; Balance = Cu.
22-62
22-23
8
8
60°
A, B, F, G = Al.; C, D, E, H = Ch.
22-68
22-19
14
14
45°
A, C, E, G, J, L, M = Ir.; B, D, F, H, K, P, N = Con.
22-69
22-19
14
14
45°
A, C, E, G, J, L, M = Cu.; B, D, F, H, K, P, N = Con.
22-71
22-14
19
19
None
V = Al.; U = Ch.; Balance = Cu.
22-72
22-5
6
2
4
None
B = Al.; E = Ch.; Balance = Cu.
22-73
22-5
6
2
4
None
E = Al.; B = Ch.; Balance = Cu.
22-74
22-23
8
8
None
A, C, E, G = Ir.; B, D, F, H = Con.
22-75
22-23
8
8
None
A = Al.; B, D, G, H = Cu.; C = Ch.; E = Ir.; F = Con.
22-76
21
21
None
W = Con.; Balance = Cu.
22-77
22-19
14
14
None
B, D, F, H, J, K, M, P = Cu.; A, E, L = Ir.; C, G, N = Con.
22-78
22-14
19
19
None
A, C, E, G, H, K, M, P, R, T = Con.; Balance = Cu.
22-79
22-10
4
4
None
A, C, = Con.; B, D = Cu.
24-56
24-20
11
2
9
45°
E = Al.; F = Ch.; Balance = Cu.
24-57
24-28
24
24
45°
A, C, J, V, Y, W, K, E, H, U, S, M = Ch.; Balance = Al.
24-62
24-28
24
24
None
A, C, E, G = Ir.; B, D, F, H = Con.; R, T = Ch.; S, U = Al.; Balance = Cu.
24-63
24-28
24
24
None
A, C, E, G, J, L, K, N, S, U, W, Y = Cu.; B, D, F, H, Q, R, M, P, T, V, X, Z =
Con.
24-64
24-5
16
16
None
A, B, C, D, E, F, G, H = Ir.; J, K, L, M, N, P, R, S = Con.
24-68
24-28
24
24
None
D = Con.; Balance = Cu.
24-81
24-7
16
2
14
None
A, C, E, G, I, K, M, N, P = Cu.; B, D, F, H, J, L, O = Con.
28-53
28-11
22
4
18
45°
J, L = Al.; K, M = Ch.; Balance = Cu.
28-58
28-20
14
10
4
45°
A, C, E, G, K, M = Al.; B, D, F, H, L, N = Ch.; J, P = Cu.
28-61
28-21
37
37
45°
A, C, J, Z, m, r, n, a, K, F, H, X, k, h, T, M, N, d = Ir.; Balance = Con.
28-63
28-20
14
10
4
45°
A, C, E, G, J = Al.; B, D, F, H, P = Ch.; Balance = Cu.
28-64
28-15
35
35
None
A, d = Al.; B, j = Ch.; C, D, E, F, G, N, P, R, S, H, J, K, L, M, W, X, Y, Z = Con.;
Balance = Cu.
28-65
28-12
26
26
None
A, C, E, G, J, L, N, R, T, V = Ir.; X, Z = Al.; B, D, F, H, K, M, P, S, U, W = Con.;
Y, a = Ch.; b, d = Cu.
28-67
28-16
20
20
None
U = Con.; Balance = Cu.
28-68
28-15
35
35
45°
T = Al.; U = Ch.; Balance = Cu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com