Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3101C18-3SW Datasheet(PDF) 3 Page - Amphenol Corporation

Part # CS3101C18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3101C18-3SW Datasheet(HTML) 3 Page - Amphenol Corporation

  CS3101C18-3SW Datasheet HTML 1Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 2Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 3Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 4Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 5Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 6Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 7Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 8Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
2
This catalog covers Amphenol® MIL-DTL-5015 connectors and MIL-5015
type connectors. MIL-C-5015 has been replaced as follows:
Environmental Classes F and R are updated to and produced in
strict accordance to MIL-DTL-5015.
Classes A, C and E are still produced, but are no longer listed on the
qualified products listing (QPL).
Amphenol gives the user the largest selection of MS/Standard cylindrical
connectors available in the market place.
This catalog is divided into three sections; the first section by service
class, a second section by contacts and insert arrangements, and a third
section for accessories. Each section is prefixed with an overview to
assist the user in determining selections.
Should more information be required concerning the connectors covered
in this publication, or if special application needs arise, please contact:
Amphenol Corporation
Amphenol Industrial Operations
40-60 Delaware Avenue
Sidney, New York 13838-1395
Telephone 607-563-5011
Fax: 607-563-5157
www.amphenol-industrial.com
Now, also offered within the broad family of Amphenol interconnection
products is the Amphenol®/Matrix® MIL-DTL-5015* connector series
which incorporates rear release crimp contacts. See page 71 for further
description and for complete details ask for catalog 12-026.
Also ask for these additional product catalogs:
• Amphenol Industrial Connector Brochure, SL-381, for an overview of
the industrial family of connectors.
• Amphenol Catalog SL-100, which provides an overview of all prod-
ucts, military and industrial, offered through Amphenol Aerospace.
• Amphenol Amphe-Power® Brochure SL-391, for AC 5015 type con-
nectors with RADSOK® high amperage contacts. See reference on
page 72.
*
Note: MIL-C-5015 is superceded to MIL-DTL-5015 for all Amphenol/Matrix rear release crimp
type connectors.
Amphenol Aerospace operates Quality Systems
that are Certified to ISO-9001 and AS-9100
by third party Registrars.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com