Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3101C18-3SW Datasheet(PDF) 17 Page - Amphenol Corporation

Part # CS3101C18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3101C18-3SW Datasheet(HTML) 17 Page - Amphenol Corporation

Back Button CS3101C18-3SW Datasheet HTML 13Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 14Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 15Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 16Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 17Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 18Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 19Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 20Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 21Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
16
wall mounting receptacle
cable connecting plug
box mounting receptacle
straight plug
MS/Standard
MS-R
MS-R
Specification requirements for greater reliability in a
shorter, lighter weight environmental resistant connector
led to the design of the MS-R. MS Class R connectors
satisfy all the performance requirements of MIL-DTL-
5015.
This low profile assembly was attained by moving the
axial compression nut and grommet assembly forward
and flush with the rear of the insert. The neoprene grom-
met, with its low coefficient of friction, assures easier
threading of wire bundles and quicker assembly and ser-
viceability of the unit. Molded webs in each wire hole
insure a moisture barrier around each wire.
The addition of an “O” ring at the main joint of all
MS3106R plugs provide a main joint seal supplementary
to the interfacial seal, thus insuring a higher degree of
reliability when connector halves from different sources
are employed. MS-R types are recommended for new
design applications.
Shells:
Shell components are fabricated from high grade alumi-
num alloy. All components have the standard electrically
conductive cadmium plated finish with an olive drab chro-
mate after-treatment for corrosion resistance. Consult
Amphenol, Sidney, NY for other plating options.
Contacts:
Contacts are machined from copper alloy for maximum
corrosion resistance, maximum current carrying capacity
and low millivolt drop. Both crimp and solder versions are
available. Refer to pages 49, 67 and 68 for additional
contact information.
Inserts:
Resilient neoprene inserts provide an outstanding mois-
ture barrier, maximum vibration resistance and high
dielectric strength. Either pin or socket insert can be
pressurized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com