Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP02A-20-41SW005 Datasheet(PDF) 6 Page - Amphenol Corporation

Part # SP02A-20-41SW005
Description  Proprietary/MIL-C-26482, Series 1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SP02A-20-41SW005 Datasheet(HTML) 6 Page - Amphenol Corporation

  SP02A-20-41SW005 Datasheet HTML 1Page - Amphenol Corporation SP02A-20-41SW005 Datasheet HTML 2Page - Amphenol Corporation SP02A-20-41SW005 Datasheet HTML 3Page - Amphenol Corporation SP02A-20-41SW005 Datasheet HTML 4Page - Amphenol Corporation SP02A-20-41SW005 Datasheet HTML 5Page - Amphenol Corporation SP02A-20-41SW005 Datasheet HTML 6Page - Amphenol Corporation SP02A-20-41SW005 Datasheet HTML 7Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
18
PT, SP
To more easily illustrate ordering procedure, part number PT00A-20-
41PW(SR) is shown as follows:
PT
00
A
- 20 - 41
P
W
(SR)
1
2345678
See code below:
1. Connector Type
“PT”
designates standard olive drab, electrically conductive cad-
mium plated bayonet lock connector with solder contacts
“SP”
designates electrically non-conductive, hard anodic coated
bayonet lock connector with solder contacts and larger flange
and mounting holes for back panel mounting
“PTG” designates plug with grounding fingers
2. Shell Style
“00” designates wall mounting receptacle
“01” designates cable connecting receptacle**
“02” designates box mounting receptacle
“06” designates straight plug
“07” designates jam nut receptacle
“08” designates 90 degree plug cable support
“B”
designates thru bulkhead receptacle (pressurized)
“I”
designates solder mount receptacle (Hermetic only)
3. Service Classes
“A”
designates general duty back shell
“C”
designates pressurized receptacle
“E”
designates environmental resisting open wire seal with
grommet and nut
“J”
designates clamp assembly for moisture proofing multi-
jacketed cables, with strain relief
“P”
designates assembly with potting boot
“W”
designates clamp assembly for moisture proofing multi-
jacketed cables
“H”
designates hermetic* without interfacial seal
“Y”
designates hermetic* with interfacial seal
4. Shell Size
“20” designates shell size. Shell sizes 6 through 24 available.
5. Insert Arrangement
“20 - 41” designates insert arrangement. Refer to pages 56-61 for
insert availability.
6. Contacts
“P” designates pin contacts
“S” designates socket contacts
For ordering connectors with printed circuit board contacts, see pg. 12.
7. Insert Rotation
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell from “nor-
mal position. No letter required for normal (no rotation) position.
8. “SR” designates a strain relief clamp.
Indicate optional finishes as follows:
(003)
olive drab cadmium plate (standard on “PT”)
(005)
anodic coating - Alumilite® (standard on “SP”)
(014)
olive drab cadmium plate over nickel
(023)
electroless nickel
(024)
olive drab zinc cobalt plating
(025)
non-conductive black zinc cobalt plating
(027)
conductive black zinc cobalt plating
(424)
electroless nickel finish with strain relief
(466)
olive drab zinc cobalt plating with strain relief
(470)
non-conductive black zinc cobalt plating with strain relief
(476)
conductive black zinc cobalt plating with strain relief
(100)
Suffix added for flat eyelet pin contacts in hermetic versions
MS/PT
MIL-C-26482, Series 1
Part number MS3110E20-41PW is shown as follows:
MS
311
0
E
20 - 41
P
W
1
2345678
For Hermetic connectors part number MS3113H20Y41PW is shown as
follows:
MS
311
3
H
20 Y 41
P
W
1
234
5, 6
7
8
See code below:
1. “MS” designates Military Standard
2. Specification Number
“311” designates basic family number for MIL-C-26482, Series 1 sol-
der type
3. Shell Style
“0” designates wall mounting receptacle
“1” designates cable connecting receptacle**
“2” designates box mounting receptacle
“3” designates solder mount receptacle (hermetic only)
“4” designates jam nut receptacle
“6” designates straight plug
4. Service Class
“E” designates environmental resisting connector
“F” designates environmental resisting connectors with strain relief
“J” designates clamp assembly for moisture proofing multi-jacketed
cables, with strain relief
“P” designates potted type with potting boot
“H” designates hermetic
5. Shell Size
“20” designates shell size. Shell sizes 8 through 24 available.
6. Insert Arrangement
“20-41” designates arrangement. Refer to pages 56-61 for insert
availability.
Hermetic version
“20Y41” designates insert arrangement; specify “Y” for flat eyelet pin
contacts, or “C” for solder cup pin contacts
7. Contact Configuration
“P” designates pin contacts
“S” designates socket contacts
8. Insert Rotation
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell from “nor-
mal” position. No letter required for normal (no rotation) position.
* Hermetic connectors are supplied with tin plated shells.
**This connector style is sometimes referred to as a cable connecting “plug”.
It does, however, mate with either a straight or 90 degree plug.
PT, SP, MS/PT
how to order



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com