Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP02A-20-41SW005 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # SP02A-20-41SW005
Description  Proprietary/MIL-C-26482, Series 1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SP02A-20-41SW005 Datasheet(HTML) 2 Page - Amphenol Corporation

  SP02A-20-41SW005 Datasheet HTML 1Page - Amphenol Corporation SP02A-20-41SW005 Datasheet HTML 2Page - Amphenol Corporation SP02A-20-41SW005 Datasheet HTML 3Page - Amphenol Corporation SP02A-20-41SW005 Datasheet HTML 4Page - Amphenol Corporation SP02A-20-41SW005 Datasheet HTML 5Page - Amphenol Corporation SP02A-20-41SW005 Datasheet HTML 6Page - Amphenol Corporation SP02A-20-41SW005 Datasheet HTML 7Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
The accompanying chart is provided to assist the user in selecting
the appropriate type of miniature connector to meet the application
requirements. Further information can be found in specific sections
of this catalog.
RI/FR = Rear Insertion/Front Releasable
RI/RR = Rear Insertion/Rear Releasable
†
o intermates with o
X intermates with X
†† Optional finishes available. See “how to order” sections.
*
Available in hermetic version
**
Dual mounting holes
*** This connector style is sometimes referred to as a cable connecting “plug.”
It does, however, mate with either a straight or 90 degree plug.
CHARACTERISTICS
Solder
Crimp
PT
MS/PT
SP
PC
MS/
PT-SE
PT-SE
SP-SE PC-SE PT-CE SP-CE PC-CE
Intermateable†
o
o
o
X
o
o
o
X
o
o
X
Contacts
Solder
••••
Crimp RI/FR
•
••••••
Crimp RI/RR
Contact Retention
System
Non-Removable
••••
Removable
•
••••••
Coupling
Bayonet
•••
•
•
•
•
•
Threaded
••
•
Standard Finishes††
Olive Drab Cadmium (003)
••
•
•
•
Electroless Nickel (023)
Anodic Coated (005)
••
•
Bright Cadmium (001)
••
•
Temperature Range
Resilient Dielectric (125°C)
•••••
••••••
Hard Dielectric (175°C & 200°C)
Wide Mounting Flange
••
•
Hermetic Seal
••••
SHELL STYLE AVAILABILITY
Wall Mounting Receptacle “00”
•••••
**•
••••
Cable Connecting Receptacle “01” ***
••
••
•
•
•
•
Box Mounting Receptacle “02”
*•
•
•
*•
•
**•
••••
Straight Plug “06”
•••••
••••••
Jam Nut Receptacle “07”
*•
*•
•
*•
•
••••••
Thru-bulkhead Receptacle “TB”
••
Solder Mount Receptacle “I”
*•
*•
*•
90° Plug “08”
•
•
•
•••••
Amphenol Miniature Cylindrical
connector selection guide
®



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com