Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1306NETL-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD1306NETL-E
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1306NETL-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD1306NETL-E Datasheet HTML 1Page - Renesas Technology Corp 2SD1306NETL-E Datasheet HTML 2Page - Renesas Technology Corp 2SD1306NETL-E Datasheet HTML 3Page - Renesas Technology Corp 2SD1306NETL-E Datasheet HTML 4Page - Renesas Technology Corp 2SD1306NETL-E Datasheet HTML 5Page - Renesas Technology Corp 2SD1306NETL-E Datasheet HTML 6Page - Renesas Technology Corp 2SD1306NETL-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SD1306
Preliminary
R07DS0280EJ0300 Rev.3.00
Page 4 of 5
Mar 28, 2011
220
200
10
100
50
5
Collector Current IC (mA)
1,000
500
200
100
50
20
10
Gain Bandwidth Product vs.
Collector Current
VCE = 1 V
100
30
10
3
1
Collector to Base Voltage VCB (V)
100
30
10
3
1
Collector Output Capacitance vs.
Collector to Base Voltage
f = 1 MHz
IE = 0
10
0.3
3
1.0
0.1
Base Current IB (mA)
10
3
1.0
0.3
0.1
On Resistance vs. Base Current
IN
OUT
f = 10 kHz
3 k
Ω
3 k
Ω
IB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com