Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1306NETL-E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SD1306NETL-E
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1306NETL-E Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SD1306NETL-E Datasheet HTML 1Page - Renesas Technology Corp 2SD1306NETL-E Datasheet HTML 2Page - Renesas Technology Corp 2SD1306NETL-E Datasheet HTML 3Page - Renesas Technology Corp 2SD1306NETL-E Datasheet HTML 4Page - Renesas Technology Corp 2SD1306NETL-E Datasheet HTML 5Page - Renesas Technology Corp 2SD1306NETL-E Datasheet HTML 6Page - Renesas Technology Corp 2SD1306NETL-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SD1306
Preliminary
R07DS0280EJ0300 Rev.3.00
Page 5 of 5
Mar 28, 2011
Package Dimensions
D
e
A
AA
b
xS
A
M
EHE
A
A2
A1
S
b
A-A Section
c
Q
c
L
L1
LP
A3
Pattern of terminal position areas
I1
b2
e
e1
A
A1
A2
A3
b
c
D
E
e
HE
L
L1
LP
x
b2
e1
I1
Q
1.0
0
1.0
0.35
0.1
2.7
1.35
2.2
0.35
0.15
0.25
Min
Nom
Dimension in Millimeters
Reference
Symbol
Max
1.1
0.25
0.4
0.16
1.5
0.95
2.8
1.95
0.3
1.3
0.1
1.2
0.5
0.26
3.1
1.65
3.0
0.75
0.55
0.65
0.05
0.55
1.05
SC-59APLSP0003ZB-A
MPAK(T) / MPAK(T)V
0.011g
MASS[Typ.]
RENESAS Code
JEITA Package Code
Previous Code
Package Name
MPAK
Ordering Information
Orderable Part Number
Quantity
Shipping Container
2SD1306NDTL-E
2SD1306NETL-E
2SD1306NDTL-H
2SD1306NETL-H
3000
φ 178 mm Reel, 8 mm Emboss Taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com