Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1C17153 Datasheet(PDF) 2 Page - Epson Company

Part # S1C17153
Description  16-bit Single Chip Microcontroller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17153 Datasheet(HTML) 2 Page - Epson Company

  S1C17153 Datasheet HTML 1Page - Epson Company S1C17153 Datasheet HTML 2Page - Epson Company S1C17153 Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S1C17153
NMI
Watchdog timer
Programmable interrupts
8 systems (8 levels)
Power supply voltage
Operating voltage (VDD)
2.0 V to 3.6 V
Operating temperature
Operating temperature range
-40°C to 85°C
Current consumption (Typ value, VDD = 2.0 V to 3.6 V)
SLEEP state
130nA (OSC1A = Off, RTC = Off, OSC3B = Off)
0.42uA (OSC1A = 32kHz, RTC = Off, OSC3B = Off)
HALT state
0.42uA (OSC1A = 32kHz, RTC = On, OSC3B = Off)
4uA (OSC1A = 32kHz, RTC = Off, OSC3B = Off)
Run state
240uA (OSC1A = 32kHz, RTC = Off, OSC3B = 2MHz)
Shipping form
Aluminum pad chip
2
Seiko Epson Corporation



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com