Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1C17153 Datasheet(PDF) 1 Page - Epson Company

Part # S1C17153
Description  16-bit Single Chip Microcontroller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17153 Datasheet(HTML) 1 Page - Epson Company

  S1C17153 Datasheet HTML 1Page - Epson Company S1C17153 Datasheet HTML 2Page - Epson Company S1C17153 Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S1C17153
16-bit Single Chip Microcontroller
16KB ROM / 2KB RAM
* S1C17653 is useful as for program development.
Generates the operating clocks with the built-in oscillators.
- OSC3B oscillator circuit: 2 MHz/1 MHz/500 kHz (typ.) internal oscillator circuit
- OSC1A oscillator circuit: 32.768 kHz (typ.) crystal oscillator circuit
LCD driver Number of driver outputs: 32Seg. x 4Com.
Shipping form: Die
RISC CPU core S1C17: the compact code optimized for C, and high throughput
of an instruction/clock
■ DESCRIPTIONS
The S1C17153 is a 16-bit MCU featuring ultra-low-power operations and compact dimensions in die form. The
S1C17153 is ideal for battery-driven electronic equipment, such as OTP cards, eTokens, and remote control
units with a simple display.
■ FEATURES
CPU
CPU core
Seiko Epson original 16-bit RISC CPU core S1C17
Multiplier/Divider (COPRO)
• 16-bit × 16-bit multiplier
• 16-bit × 16-bit + 32-bit multiply and accumulation unit
• 16-bit ÷ 16-bit divider
Embedded ROM
Capacity
16K bytes (for both instructions and data)
Embedded RaM
Capacity
2K bytes
Clock generator
System clock source
2 sources (OSC3B/OSC1A)
OSC3B oscillator circuit
2M/1M/500k Hz (typ.) internal oscillator circuit
OSC1A oscillator circuit
32.768 kHz (typ.) crystal oscillator circuit
Other
• Core clock frequency control
• Peripheral module clock supply control
LCD driver
Number of driver outputs
Segment output: 32 pins
Common output: 4 pins
Other
• Includes a power supply voltage booster/reducer.
• Includes a display data memory.
I/O ports
Number of general-purpose I/O ports
Max. 12 bits (Pins are shared with the peripheral I/O.)
Other
• Schmitt input
• Pull-up control function
• Port input interrupt: 8 bits
Serial interfaces
SPI
1 channel
UART
1 channel (IrDA1.0 supported)
Timers/Counters
8-bit timer (T8)
1 channel (Generates the SPI clock.)
16-bit PWM timer (T16A2)
1 channel (PWM output, event counter, and count capture functions)
Watchdog timer (WDT)
1 channel (Generates NMI/reset.)
Clock functions
Real-time clock (RTC)
1 channel (Hour, minute, and second counters)
Clock timer (CT)
1 channel (128 Hz to 1 Hz counters)
Sound generator
Buzzer frequency
8 frequencies selectable
Volume control
8 steps adjustable
Other
• One-shot buzzer
• Auto envelope function
Analog circuits
Supply voltage detection circuit (SVD)
1 channel (Detection voltage: 13 levels (TBD))
Interrupts
Reset interrupt
#RESET pin/watchdog timer


Similar Part No. - S1C17153

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17121 EPSON-S1C17121 Datasheet
156Kb / 3P
Low Power 16-bit Single Chip Microcontroller
More results

Similar Description - S1C17153

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
16-bit Single Chip Microcontroller
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com