Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM183033 Datasheet(PDF) 1 Page - Microchip Technology

Part # DM183033
Description  Internet Radio Demonstration Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM183033 Datasheet(HTML) 1 Page - Microchip Technology

  DM183033 Datasheet HTML 1Page - Microchip Technology DM183033 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Europe
Austria - Weis - 43-7242-2244-39
Denmark - Copenhagen - 45-4450-2828
France - Paris - 33-1-69-53-63-20
Germany - Munich - 49-89-627-144-0
Italy - Milan - 39-0331-742611
Netherlands - Drunen - 31-416-690399
Spain - Madrid - 34-91-708-08-90
UK - Wokingham - 44-118-921-5869
01/02/08
Americas
Atlanta - 678-957-9614
Boston - 774-760-0087
Chicago - 630-285-0071
Dallas - 972-818-7423
Detroit - 248-538-2250
Kokomo - 765-864-8360
Los Angeles - 949-462-9523
Phoenix - 480-792-7200
Santa Clara - 408-961-6444
Toronto - 905-673-0699
Other Information
To obtain the most recent and complete documentation for this demonstration board, including:
- User's Guide
- Board Description
- Board Schematics
- Source Code
- Application Examples
- Links to Web Seminars
please refer to the Microchip web site: www.microchip.com/tcpip
Internet Radio Demonstration Board
Overview
The Internet Radio Demonstration Board uses the PIC18F67J60 8-bit microcontroller with
integrated 10Base-T MAC and PHY to connect to SHOUTcast servers and stream MP3 data
to an audio decoder. This demonstration board implements the basic features of an Internet
radio, such as changing volume and station.
Features
• PIC18F67J60 8-bit microcontroller with integrated 10Base-T MAC and PHY
• Integrated magnetic RJ-45 connector with status LEDs
• VLSI VS1011E MPEG Audio Codec to decode MP3 data streams and drive headphones
• Two 256 Kbit Serial SRAMs for buffering of TCP packets and MP3 audio data
• Brilliant OLED display showing song title and author, station name and IP address of the
demonstration board
• Push button switches to control station, volume and bass
• Connector for MPLAB® ICD 2 In-Circuit Debugger or MPLAB REAL ICE™
In-Circuit Emulator
Please see reverse side for block diagram.
Getting Started
Please refer to the connection diagram included with the Internet Radio Demonstration
Board. This diagram will show the connections to begin listening to streaming audio from a
SHOUTcast server. Details of the Internet Radio Demonstration Board can be found in the
Application Note AN1128, “TCP/IP Networking: Internet Radio Using OLED Display and
MP3 Audio Decoder”.
TCP/IP Stack and Firmware
The Microchip TCP/IP Stack, including the Internet Radio specific firmware, can be
downloaded from http://www.microchip.com/tcpip. After installing the Microchip TCP/IP
Stack library, open the “Internet Radio App” project.
Media Access Control (MAC) Address
Each Internet Radio Demostration Board comes preprogrammed with a unique Ethernet
MAC address saved in internal PIC18F67J60 Flash program memory and printed on a label
affixed to the board. If the firmware is erased and reprogrammed, the MAC address will also
need to be reprogrammed. To restore the MAC address from the printed label, direct a web
browser to http://xxx.xxx.xxx.xxx/ where xxx.xxx.xxx.xxx is the IP address displayed on the
OLED display shortly after power-up. The Internet Radio’s web interface will allow
configuration of the MAC address and any other settings available to the programmed
firmware.
Microchip Technology Inc. • 2355 West Chandler Blvd. • Chandler, AZ 85224-6199
www.microchip.com
The Microchip name and logo, the Microchip logo and MPLAB are registered trademarks of Microchip Technology Incorpo-
rated in the U.S.A. and other countries. REAL ICE is a trademark of Microchip Technology Incorporated in the U.S.A. and
other countries. All other trademarks mentioned herein are property of their respective companies. © 2008, Microchip
Technology Incorporated, Printed in the U.S.A. All Rights Reserved. 4/08
*DS51706A* DS51706A
Asia/Pacific
Australia - Sydney - 61-2-9868-6733
China - Beijing - 86-10-8528-2100
China - Chengdu - 86-28-8665-5511
China - Hong Kong SAR - 852-2401-1200
China - Nanjing- 86-25-8473-2460
China - Qingdao - 86-532-8502-7355
China - Shanghai - 86-21-5407-5533
China - Shenyang - 86-24-2334-2829
China - Shenzhen - 86-755-8203-2660
China - Wuhan - 86-27-5980-5300
China - Xiamen - 86-592-2388138
China - Xian - 86-29-8833-7252
China - Zhuhai - 86-756-3210040
India - Bangalore - 91-80-4182-8400
India - New Delhi - 91-11-4160-8631
India - Pune - 91-20-2566-1512
Japan - Yokohama - 81-45-471-6166
Korea - Daegu - 82-53-744-4301
Korea - Seoul - 82-2-554-7200
Malaysia - Kuala Lumpur - 60-3-6201-9857
Malaysia - Penang - 60-4-227-8870
Philippines - Manila - 63-2-634-9065
Singapore - 65-6334-8870
Taiwan - Hsin Chu - 886-3-572-9526
Taiwan - Kaohsiung - 886-7-536-4818
Taiwan - Taipei - 886-2-2500-6610
Thailand - Bangkok - 66-2-694-1351


Similar Part No. - DM183033

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DM1800-434MB RFM-DM1800-434MB Datasheet
328Kb / 4P
433.92 MHz Transceiver Module
DM1800-434MN RFM-DM1800-434MN Datasheet
344Kb / 4P
433.92 MHz Transceiver Module
DM1800-434MR RFM-DM1800-434MR Datasheet
339Kb / 4P
433.92 MHz Transceiver Module
DM1800-916MB RFM-DM1800-916MB Datasheet
75Kb / 4P
916.50 MHz Transceiver Module
DM1800-916MN RFM-DM1800-916MN Datasheet
75Kb / 4P
916.50 MHz Transceiver Module
More results

Similar Description - DM183033

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
71117 VISHAY-71117 Datasheet
201Kb / 11P
SI9113 Demonstration Board
29-Feb-00
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
ISD-ES002 WINBOND-ISD-ES002 Datasheet
152Kb / 1P
Parrot Demonstration Board
ES302 WINBOND-ES302 Datasheet
362Kb / 4P
ES302 DEMONSTRATION BOARD
logo
STMicroelectronics
STEVAL-TDR019V1 STMICROELECTRONICS-STEVAL-TDR019V1 Datasheet
202Kb / 9P
Demonstration board using the PD85004 for 900 MHz 2-way radio
12-Oct-2010
STEVAL-MKI126V3 STMICROELECTRONICS-STEVAL-MKI126V3 Datasheet
568Kb / 9P
STSmartVoice demonstration board
18-Sep-2012
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
Demonstration board based on the PD55008-E for UHF mobile radio
18-Oct-2010
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
Portable UHF 2-way radio demonstration board based on the PD84001
19-Oct-2010
AN3244 STMICROELECTRONICS-AN3244 Datasheet
565Kb / 9P
EVAL6230QR demonstration board
26-Nov-2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com