Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4341T502E/ST Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP4341T502E/ST
Description  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341T502E/ST Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP4341T502E/ST Datasheet HTML 31Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 32Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 33Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 34Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 35Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 36Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 37Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 38Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
© 2009 Microchip Technology Inc.
DS22233A-page 35
MCP434X/436X
bit 3
WL1: WiperLock Status bit for Resistor Network 1 (Refer to Section 5.3 “WiperLock™ Technology”
for further information)
The WiperLock Technology bit (WL1) prevents the Volatile and Non-Volatile Wiper 1 addresses and the
TCON0 register bits R1HW, R1A, R1W, and R1B from being written to. High Voltage commands are
required to enable and disable WiperLock Technology.
1
=
Wiper and TCON0 register bits R1HW, R1A, R1W, and R1B of Resistor Network 1 (Pot 1) are
“Locked” (Write Protected)
0
=
Wiper and TCON0 of Resistor Network 1 (Pot 1) can be modified
Note:
The WL1 bit always reflects the result of the last programming cycle to the non-volatile WL1
bit. After a POR/BOR or RESET pin event, the WL1 bit is loaded with the non-volatile WL1
bit value.
bit 2
WL0: WiperLock Status bit for Resistor Network 0 (Refer to Section 5.3 “WiperLock™ Technology”
for further information)
The WiperLock Technology bit (WL0) prevents the Volatile and Non-Volatile Wiper 0 addresses and the
TCON0 register bits R0HW, R0A, R0W, and R0B from being written to. High Voltage commands are
required to enable and disable WiperLock Technology.
1
=
Wiper and TCON0 register bits R0HW, R0A, R0W, and R0B of Resistor Network 0 (Pot 0) are
“Locked” (Write Protected)
0
=
Wiper and TCON0 of Resistor Network 0 (Pot 0) can be modified
Note:
The WL0 bit always reflects the result of the last programming cycle to the non-volatile WL0
bit. After a POR/BOR or RESET pin event, the WL0 bit is loaded with the non-volatile WL0
bit value.
bit 1
Reserved: Forced to “1”
bit 0
WP: EEPROM Write Protect Status bit (Refer to Section “EEPROM Write Protect” for further
information)
This bit indicates the status of the write protection on the EEPROM memory. When Write Protect is
enabled, writes to all non-volatile memory are prevented. This includes the General Purpose EEPROM
memory, and the non-volatile Wiper registers. Write Protect does not block modification of the volatile
wiper register values or the volatile TCON0 and TCON1 register values (via Increment, Decrement, or
Write commands).
This status bit is an OR of the devices Write Protect pin (WP) and the internal non-volatile WP bit. High
Voltage commands are required to enable and disable the internal WP EEPROM bit.
1
=
EEPROM memory is Write Protected
0
=
EEPROM memory can be written
REGISTER 4-1:
STATUS REGISTER (CONTINUED)
Note 1:
Requires a High Voltage command to modify the state of this bit (for Non-Volatile devices only). This bit is
Not directly written, but reflects the system state (for this feature).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com