Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4341T502E/ST Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP4341T502E/ST
Description  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341T502E/ST Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP4341T502E/ST Datasheet HTML 44Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 45Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 46Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 47Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 48Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 49Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 50Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 51Page - Microchip Technology MCP4341T502E/ST Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
MCP434X/436X
DS22233A-page 48
© 2009 Microchip Technology Inc.
TABLE 7-2:
MEMORY MAP AND THE SUPPORTED COMMANDS
Address
Command
Data
(10-bits) (1)
SPI String (Binary)
Value
Function
MOSI (SDI pin)
MISO (SDO pin) (2)
00h
Volatile Wiper 0
Write Data
nn nnnn nnnn
0000 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
0000 11nn nnnn nnnn
1111 111n nnnn nnnn
Increment Wiper
—
0000 0100
1111 1111
Decrement Wiper
—
0000 1000
1111 1111
01h
Volatile Wiper 1
Write Data
nn nnnn nnnn
0001 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
0001 11nn nnnn nnnn
1111 111n nnnn nnnn
Increment Wiper
—
0001 0100
1111 1111
Decrement Wiper
—
0001 1000
1111 1111
02h
NV Wiper 0
Write Data
nn nnnn nnnn
0010 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
0010 11nn nnnn nnnn
1111 111n nnnn nnnn
HV Inc. (WL0 DIS) (3)
—
0010 0100
1111 1111
HV Dec. (WL0 EN) (4)
—
0010 1000
1111 1111
03h
NV Wiper 1
Write Data
nn nnnn nnnn
0011 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
0011 11nn nnnn nnnn
1111 111n nnnn nnnn
HV Inc. (WL1 DIS) (3)
—
0011 0100
1111 1111
HV Dec. (WL1 EN) (4)
—
0011 1000
1111 1111
04h (5)
Volatile
TCON 0 Register
Write Data
nn nnnn nnnn
0100 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
0100 11nn nnnn nnnn
1111 111n nnnn nnnn
05h (5)
Status Register
Read Data
nn nnnn nnnn
0101 11nn nnnn nnnn
1111 111n nnnn nnnn
06h
Volatile Wiper 2
Write Data
nn nnnn nnnn
0110 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
0110 11nn nnnn nnnn
1111 111n nnnn nnnn
Increment Wiper
—
0110 0100
1111 1111
Decrement Wiper
—
0110 1000
1111 1111
07h
Volatile Wiper 3
Write Data
nn nnnn nnnn
0111 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
0111 11nn nnnn nnnn
1111 111n nnnn nnnn
Increment Wiper
—
0111 0100
1111 1111
Decrement Wiper
—
0111 1000
1111 1111
08h
NV Wiper 2
Write Data
nn nnnn nnnn
1000 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
1000 11nn nnnn nnnn
1111 111n nnnn nnnn
HV Inc. (WL2 DIS) (3)
—
1000 0100
1111 1111
HV Dec. (WL2 EN) (4)
—
1000 1000
1111 1111
09h
NV Wiper 3
Write Data
nn nnnn nnnn
1001 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
1001 11nn nnnn nnnn
1111 111n nnnn nnnn
HV Inc. (WL3 DIS) (3)
—
1001 0100
1111 1111
HV Dec. (WL3 EN) (4)
—
1001 1000
1111 1111
0Ah (5)
Volatile
TCON 1 Register
Write Data
nn nnnn nnnn
1010 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
1010 11nn nnnn nnnn
1111 111n nnnn nnnn
0Bh (5)
Data EEPROM
Write Data
nn nnnn nnnn
1011 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
1011 11nn nnnn nnnn
1111 111n nnnn nnnn
0Ch (5)
Data EEPROM
Write Data
nn nnnn nnnn
1100 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
1100 11nn nnnn nnnn
1111 111n nnnn nnnn
0Dh (5)
Data EEPROM
Write Data
nn nnnn nnnn
1101 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
1101 11nn nnnn nnnn
1111 111n nnnn nnnn
0Eh (5)
Data EEPROM
Write Data
nn nnnn nnnn
1110 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
1110 11nn nnnn nnnn
1111 111n nnnn nnnn
0Fh
Data EEPROM
Write Data
nn nnnn nnnn
1111 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
1111 11nn nnnn nnnn
1111 111n nnnn nnnn
HV Inc. (WP DIS) (3)
—
1111 0100
1111 1111
HV Dec. (WP EN) (4)
—
1111 1000
1111 1111
Note
1:
The Data Memory is only 9-bits wide, so the MSb is ignored by the device.
2:
All these Address/Command combinations are valid, so the CMDERR bit is set. Any other Address/Command combination is a
command error state and the CMDERR bit will be clear.
3:
Disables WiperLock Technology for wiper 0, wiper 1, wiper 2, wiper3, or disables Write Protect.
4:
Enables WiperLock Technology for wiper 0, wiper 1, wiper 2, wiper3, or enables Write Protect.
5:
Increment or Decrement commands are invalid for these addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com