Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC256I/ST Datasheet(PDF) 13 Page - Microchip Technology

Part # 24LC256I/ST
Description  256K I2C CMOS Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256I/ST Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24LC256I/ST Datasheet HTML 9Page - Microchip Technology 24LC256I/ST Datasheet HTML 10Page - Microchip Technology 24LC256I/ST Datasheet HTML 11Page - Microchip Technology 24LC256I/ST Datasheet HTML 12Page - Microchip Technology 24LC256I/ST Datasheet HTML 13Page - Microchip Technology 24LC256I/ST Datasheet HTML 14Page - Microchip Technology 24LC256I/ST Datasheet HTML 15Page - Microchip Technology 24LC256I/ST Datasheet HTML 16Page - Microchip Technology 24LC256I/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
 2010 Microchip Technology Inc.
DS21203Q-page 13
24AA256/24LC256/24FC256
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXT
XXXXYYWW
NNN
8-Lead SOIC (208 mil)
Example:
24LC256
0510017
I/SM
24AA256
I/P
017
0510
XXXXXXXX
YYWWNNN
T/XXXXXX
24LC256I
SN
0510
017
3
e
3
e
3
e
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
*Standard device marking consists of Microchip part number, year code, week code, and traceability code. For
device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com