Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC256I/ST Datasheet(PDF) 2 Page - Microchip Technology

Part # 24LC256I/ST
Description  256K I2C CMOS Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256I/ST Datasheet(HTML) 2 Page - Microchip Technology

  24LC256I/ST Datasheet HTML 1Page - Microchip Technology 24LC256I/ST Datasheet HTML 2Page - Microchip Technology 24LC256I/ST Datasheet HTML 3Page - Microchip Technology 24LC256I/ST Datasheet HTML 4Page - Microchip Technology 24LC256I/ST Datasheet HTML 5Page - Microchip Technology 24LC256I/ST Datasheet HTML 6Page - Microchip Technology 24LC256I/ST Datasheet HTML 7Page - Microchip Technology 24LC256I/ST Datasheet HTML 8Page - Microchip Technology 24LC256I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
24AA256/24LC256/24FC256
DS21203Q-page 2
 2010 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied................................................................................................-40°C to +125°C
ESD protection on all pins
 4kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.7V to 5.5V
TA = -40°C to +85°C
Automotive (E):
VCC = +2.5V to 5.5V
TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
—
A0, A1, A2, SCL, SDA
and WP pins:
——
—
—
D1
VIH
High-level input voltage
0.7 VCC
—V
—
D2
VIL
Low-level input voltage
—
0.3 VCC
0.2 VCC
V
V
VCC
 2.5V
VCC < 2.5V
D3
VHYS
Hysteresis of Schmitt
Trigger inputs
(SDA, SCL pins)
0.05 VCC
—V
VCC
 2.5V (Note)
D4
VOL
Low-level output voltage
—
0.40
V
IOL = 3.0 ma @ VCC = 4.5V
IOL = 2.1 ma @ VCC = 2.5V
D5
ILI
Input leakage current
—
±1
AVIN = VSS or VCC, WP = VSS
VIN = VSS or VCC, WP = VCC
D6
ILO
Output leakage current
—
±1
AVOUT = VSS or VCC
D7
CIN,
COUT
Pin capacitance
(all inputs/outputs)
—10
pF
VCC = 5.0V (Note)
TA = 25°C, FCLK = 1 MHz
D8
ICC Read Operating current
—
400
AVCC = 5.5V, SCL = 400 kHz
ICC Write
—
3
mA
VCC = 5.5V
D9
ICCS
Standby current
—
1
ATA = -40°C to +85°C
SCL = SDA = VCC = 5.5V
A0, A1, A2, WP = VSS
—5
ATA = -40°C to +125°C
SCL = SDA = VCC = 5.5V
A0, A1, A2, WP = VSS
Note:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com