Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25050TE/P Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP25050TE/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25050TE/P Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP25050TE/P Datasheet HTML 24Page - Microchip Technology MCP25050TE/P Datasheet HTML 25Page - Microchip Technology MCP25050TE/P Datasheet HTML 26Page - Microchip Technology MCP25050TE/P Datasheet HTML 27Page - Microchip Technology MCP25050TE/P Datasheet HTML 28Page - Microchip Technology MCP25050TE/P Datasheet HTML 29Page - Microchip Technology MCP25050TE/P Datasheet HTML 30Page - Microchip Technology MCP25050TE/P Datasheet HTML 31Page - Microchip Technology MCP25050TE/P Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
MCP2502X/5X
DS21664D-page 28
© 2007 Microchip Technology Inc.
If
the
Error
Condition
message
is
enabled
(OPTREG2.TXONE = 1) and one of the above
conditions occur, the MCP2502X/5X sends TXID1
identifier with output message Read CAN Error States
data field (three data bytes).
4.5.4
SCHEDULED TRANSMISSIONS
The MCP2502X/5X has the capability of sending
scheduled
transmissions
(On
Bus
message),
if
enabled.
The scheduled transmission control register (STCON)
enables
and
configures
the
occurrence
of
the
scheduled message. Setting the STEN bit in the
STCON register enables the scheduled message. The
STBF1:STBF0 and STM3:STM0 bits allow a scheduled
transmission to be initiated from a minimum of 256 µs
to a maximum of 16.8 seconds (using a 16 MHz FOSC)
and the following equation:
Message Type - The message sent for scheduled
transmissions consists of either TXID0 with zero data
bytes or TXID0 with eight data bytes containing the
Read A/D Regs message, depending on STMS bit in
the STCON register.
REGISTER 4-1:
STCON - SCHEDULED TRANSMISSION CONTROL REGISTER
Note:
The
actual
scheduled
transmission
intervals may vary slightly due to the
internal event que of the control module.
Scheduled Transmission
= STBF1:STBF0(STM3:STM0)
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
STEN
STMS
STBF1
STBF0
STM3
STM2
STM1
STM0
bit 7
bit 0
bit 7
STEN: Scheduled Transmission Enable bits
1
= Enabled
0
=Disabled
bit 6
STMS: Scheduled Transmission Message Select
1
= Sends Transmit ID 0 (TXID0) with the “Read A/D Regs” data (DLC = 8)
0
= Sends Transmit ID 0 (TXID0) with no data (DLC = 0)
bit 5-4
STBF1:STBF0: Base Transmission Frequency bits
00
= 4096TOSC
01
= 16
•(4096TOSC)
10
= 256
•(4096TOSC)
10
= 4096
•(4096TOSC)
(e.g., STBF1:STBF0 => 00 => 256 µs for a 16 MHz FOSC)
bit 3-0
STM3:STM0: Scheduled Transmission Multiplier bits
0000
= 1
0001
= 2
-
-
1110
= 15
1111
= 16
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com