Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25050TE/P Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP25050TE/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25050TE/P Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP25050TE/P Datasheet HTML 28Page - Microchip Technology MCP25050TE/P Datasheet HTML 29Page - Microchip Technology MCP25050TE/P Datasheet HTML 30Page - Microchip Technology MCP25050TE/P Datasheet HTML 31Page - Microchip Technology MCP25050TE/P Datasheet HTML 32Page - Microchip Technology MCP25050TE/P Datasheet HTML 33Page - Microchip Technology MCP25050TE/P Datasheet HTML 34Page - Microchip Technology MCP25050TE/P Datasheet HTML 35Page - Microchip Technology MCP25050TE/P Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
MCP2502X/5X
DS21664D-page 32
© 2007 Microchip Technology Inc.
REGISTER 5-1:
GPDDR - DATA DIRECTION REGISTER
REGISTER 5-2:
GPLAT - GPIO OUTPUT REGISTER
REGISTER 5-3:
IOINTEN REGISTER
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
DDR6
DDR5
DDR4
DDR3
DDR2
DDR1
DDR0
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6-0
DDR6:DDR0: Data Direction Register* bits
1
= corresponding GPIO pin is configured as an input
0
= corresponding GPIO pin is configured as an output
* must bet set if corresponding analog channel is enabled (see ADCON1)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
GP6
GP5
GP4
GP3
GP2
GP1
GP0
bit 7
bit 0
bit 7
Unimplemented: Read as '0’
bit 6-0
GP6:GP0: GPIO Bits
1
= corresponding GPIO pin output latch is a ‘1’
0
= corresponding GPIO pin output latch is a ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GP7TXC
GP6TXC
GP5TXC
GP4TXC
GP3TXC
GP2TXC
GP1TXC
GP0TXC
bit 7
bit 0
bit 7-0
GP7TXC:GP0TXC: Transmit-on-change Enable bits
1
= Enable Transmit-On-Change/Compare For Corresponding GPIO/AN Channel
0
= Disable Transmit-On-Change/Compare For Corresponding GPIO/AN Channel
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com