Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660SEOA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7660SEOA
Description  SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660SEOA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC7660SEOA Datasheet HTML 3Page - Microchip Technology TC7660SEOA Datasheet HTML 4Page - Microchip Technology TC7660SEOA Datasheet HTML 5Page - Microchip Technology TC7660SEOA Datasheet HTML 6Page - Microchip Technology TC7660SEOA Datasheet HTML 7Page - Microchip Technology TC7660SEOA Datasheet HTML 8Page - Microchip Technology TC7660SEOA Datasheet HTML 9Page - Microchip Technology TC7660SEOA Datasheet HTML 10Page - Microchip Technology TC7660SEOA Datasheet HTML 11Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
TC7660S
SUPER CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER
© 2001 Microchip Technology Inc.
DS21467A
TC7660S-14 9/16/96
Figure 10. Positive Voltage Multiplier
1
2
3
4
8
7
6
5
+
VOUT = –V
–
10
µF
+
1 M
Ω
V– INPUT
C1
10
µF
TC7660S
+
R
L1
R
L2
V
OUT
=
V
+
–V
–
2
50
µF
100 k
Ω
50
µF
V
+
V
–
50
µF
+
1 M
Ω
1
2
8
7
TC7660S
3
4
6
5
+
–
–
Figure 11. Splitting a Supply in Half
TYPICAL CHARACTERISTICS
Unloaded Osc Freq vs. Temperature
12
10
0
2
4
6
8
-40
-20
0
20
40
100
60
80
TEMPERATURE (
°C)
VIN = 12V
VIN = 5V
Unloaded Osc Freq vs. Temperature
with Boost Pin = VIN
60
50
0
10
20
30
40
-40
-20
0
20
40
100
60
80
TEMPERATURE (
°C)
VIN = 12V
VIN = 5V
Supply Current vs. Temperature
(with Boost Pin = VIN)
1000
0
200
400
600
800
-40
-20
0
20
40
100
60
80
TEMPERATURE (
°C)
VIN = 12V
Without Load
10K Load
Voltage Conversion
101.0
100.5
100.0
99.5
99.0
98.5
98.0
112
11
10
9
8
7
56
4
23
INPUT VOLTAGE VIN (V)
VIN = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com