Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660SEOA Datasheet(PDF) 2 Page - Microchip Technology

Part # TC7660SEOA
Description  SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660SEOA Datasheet(HTML) 2 Page - Microchip Technology

  TC7660SEOA Datasheet HTML 1Page - Microchip Technology TC7660SEOA Datasheet HTML 2Page - Microchip Technology TC7660SEOA Datasheet HTML 3Page - Microchip Technology TC7660SEOA Datasheet HTML 4Page - Microchip Technology TC7660SEOA Datasheet HTML 5Page - Microchip Technology TC7660SEOA Datasheet HTML 6Page - Microchip Technology TC7660SEOA Datasheet HTML 7Page - Microchip Technology TC7660SEOA Datasheet HTML 8Page - Microchip Technology TC7660SEOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
TC7660S
SUPER CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER
TC7660S-14 9/16/96
© 2001 Microchip Technology Inc.
DS21467A
ELECTRICAL CHARACTERISTICS: TA = +25°C, V+ = 5V, COSC = 0, Test Circuit (Figure 1), unless otherwise
indicated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
I
+
Supply Current
RL =
∞
—
80
160
µA
(Boost pin OPEN or GND)
0
°C ≤ TA ≤ +70°C
—
—
180
– 40
°C ≤ TA ≤ +85°C
—
—
180
– 55
°C ≤ TA ≤ +125°C
—
—
200
I
+
Supply Current
0
°C ≤ TA ≤ +70°C
—
—
300
µA
(Boost pin = V
+)– 40
°C ≤ TA ≤ +85°C
—
—
350
– 55
°C ≤ TA ≤ +125°C
—
—
400
V
+
H
Supply Voltage Range, High
Min
≤ TA ≤ Max,
3
—
12
V
RL = 10kΩ, LV Open
V+
L
Supply Voltage Range, Low
Min
≤ TA ≤ Max,
1.5
—
3.5
V
RL = 10kΩ, LV to GND
ROUT
Output Source Resistance
IOUT = 20mA
—
60
100
Ω
IOUT = 20mA, 0°C ≤ TA ≤ +70°C
—
70
120
IOUT = 20mA, – 40°C ≤ TA ≤ +85°C
—
70
120
IOUT = 20mA, – 55°C ≤ TA ≤ +125°C
—
105
150
V
+ = 2V, I
OUT = 3mA, LV to GND
0
°C ≤ TA ≤ +70°C
—
—
250
Ω
– 55
°C ≤ TA ≤ +125°C
—
—
400
FOSC
Oscillator Frequency
Pin 7 open; Pin 1 open or GND
—
10
—
kHz
Boost Pin = V
+
—45—
PEFF
Power Efficiency
RL = 5 kΩ; Boost Pin Open
96
98
—
%
TMIN ≤ TA ≤ TMAX; Boost Pin Open
95
98
—
Boost Pin = V
+
—88—
VOUT EFF
Voltage Conversion Efficiency
RL =
∞
99
99.9
—
%
ZOSC
Oscillator Impedance
V
+ = 2V
—
1
—
M
Ω
V
+ = 5V
—
100
—
k
Ω
NOTES: 1. Connecting any input terminal to voltages greater than V+ or less than GND may cause destructive latch-up. It is recommended that no
inputs from sources operating from external supplies be applied prior to "power up" of the TC7660S.
2. Derate linearly above 50
°C by 5.5mW/°C.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ......................................................... +13V
LV, Boost, OSC Inputs
Voltage (Note 1) ......................... – 0.3V to (V+ +0.3V)
for V+ < 5.5V
(V+ – 5.5V) to (V+ +0.3V)
for V+ > 5.5V
Current Into LV (Note 1) ...................... 20
µA for V+ > 3.5V
Output Short Duration (VSUPPLY ≤ 5.5V) ......... Continuous
Power Dissipation (TA ≤ 70°C) (Note 2)
CerDIP ............................................................ 800mW
Plastic DIP ...................................................... 730mW
SOIC ...............................................................470mW
Operating Temperature Range
C Suffix .................................................. 0
°C to +70°C
E Suffix ............................................. – 40
°C to +85°C
M Suffix ........................................... – 55
°C to +125°C
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under "Absolute Maximum Ratings" may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operation sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com