Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3SL200 Datasheet(PDF) 32 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 32 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 28Page - Altera Corporation EP3SL200 Datasheet HTML 29Page - Altera Corporation EP3SL200 Datasheet HTML 30Page - Altera Corporation EP3SL200 Datasheet HTML 31Page - Altera Corporation EP3SL200 Datasheet HTML 32Page - Altera Corporation EP3SL200 Datasheet HTML 33Page - Altera Corporation EP3SL200 Datasheet HTML 34Page - Altera Corporation EP3SL200 Datasheet HTML 35Page - Altera Corporation EP3SL200 Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 341 page
background image
1–22
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
Switching Characteristics
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
LVDS_E_1R -f
HSDR
(data rate)
SERDES factor
J = 4 to 10
(4)
—
311
(4)
—
200
(4)
—200
(4)
—
200
Mbps
t
x Jitter (5)
Total Jitter for
Data Rate,
600 Mbps –
1.6 Gbps
—
—
160
—
—
160
—
—
160
—
—
160
ps
Total Jitter for
Data Rate,
<600 Mbps
—
—
0.1
—
—
0.1
—
—
0.1
—
—
0.1
UI
t
DUTY
T
X output duty
cycle for both
True and
Emulated
Differential I/O
45
50
55
45
50
55
45
50
55
45
50
55
%
tRISE & tFALL
True Differential
I/O Standards
—
—
160
—
—
200
—
—
200
—
—
200
ps
t
RISE & tFALL
Emulated
Differential I/O
Standards with
Three External
Output Resistor
Network
—
—
310
—
—
310
—
—
350
—
—
350
ps
t
RISE & tFALL
Emulated
Differential I/O
Standards with
One External
Output Resistor
Network
—
—
460
—
—
500
—
—
500
—
—
500
ps
TCCS
True Differential
I/O Standards
—
—
100
—
—
100
—
—
100
—
—
100
ps
TCCS
Emulated
Differential I/O
Standards
—
—
250
—
—
250
—
—
250
—
—
250
ps
Receiver
f
HSDRDPA (data rate)
SERDES factor
J = 3 to 10
150
—
1600
150
—
1250
150
—
1250
150
—
1250
Mbps
f
HSDR (data rate)
SERDES factor
J = 3 to 10
(4)
—
(6)
(4)
—
(6)
(4)
—
(6)
(4)
—
(6)
Mbps
SERDES factor
J = 2, Uses DDR
Registers
(4)
—
(6)
(4)
—
(6)
(4)
—
(6)
(4)
—
(6)
Mbps
SERDES factor
J = 1, Uses an
SDR Register
(4)
—
(6)
(4)
—
(6)
(4)
—
(6)
(4)
—
(6)
Mbps
DPA
DPA run length
—
—
—
10000
—
—
10000
—
—
10000
—
—
10000
UI
Soft CDR mode
Soft-CDR PPM
tolerance
—
—
—
300
—
—
300
—
—
300
—
—
300
± PPM
Table 1–25. True and Emulated LVDS Specifications for Stratix III Devices (Note 1), (2) (Part 2 of 3)
Symbol
Conditions
C2
C3, I3
C4, I4
C4L, I4L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com