Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3SL200 Datasheet(PDF) 39 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 39 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 35Page - Altera Corporation EP3SL200 Datasheet HTML 36Page - Altera Corporation EP3SL200 Datasheet HTML 37Page - Altera Corporation EP3SL200 Datasheet HTML 38Page - Altera Corporation EP3SL200 Datasheet HTML 39Page - Altera Corporation EP3SL200 Datasheet HTML 40Page - Altera Corporation EP3SL200 Datasheet HTML 41Page - Altera Corporation EP3SL200 Datasheet HTML 42Page - Altera Corporation EP3SL200 Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–29
Switching Characteristics
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–31 lists the average DQS phase offset delay per setting for Stratix III devices.
Table 1–32 lists the DQS phase shift error specification for DLL-delayed clock
(tDQS_PSERR) for Stratix III devices.
Table 1–33 lists the memory output jitter specification for Stratix III devices.
Table 1–31. Average DQS Phase Offset Delay per Setting for Stratix III Devices (Note 1), (2), (3)
Speed Grade
Min
Typ
Max
Unit
C2
7
10
13
ps
C3, I3
7
11
15
ps
C4, I4
7
11.5
16
ps
C4L, I4L
7
11.5
16
ps
Notes to Table 1–31:
(1) The valid settings for phase offset are -64 to +63 for frequency modes 0 to 3 and -32 to +31 for frequency modes
4 to 6.
(2) The typical value equals the average of the minimum and maximum values.
(3) The delay settings are linear with a cumulative delay variation of ± 20 ps for all speed grades. For example, when
using a C2 speed grade and applying 10° phase offset settings to a 90° phase shift at 400 MHz, the expected
minimum cumulative delay is [625 ps + (10*7 ps) - 20 ps] = 675 ps.
Table 1–32. DQS Phase Shift Error Specification for DLL-Delayed Clock (t
DQS_PSERR) for Stratix III Devices (Note 1)
Number of DQS Delay
Buffer
C2
C3, I3
C4, C4L, I4, I4L
Unit
1
±13
±14
±15
ps
2
±26
±28
±30
ps
3
±39
±42
±45
ps
4
±52
±56
±60
ps
Note to Table 1–32:
(1) This error specification is the absolute maximum and minimum error. For example, skew on three DQS delay buffers in a C2 speed grade is
±39ps.
Table 1–33. Memory Output Clock Jitter Specification for Stratix III Devices (Note 1), (2)
Parameter
Clock
Network
Symbol
C2
C3, I3
C4, I4
C4L, I4L
Unit
V
CCL = 1.1V
V
CCL = 1.1V
V
CCL = 1.1V
V
CCL = 1.1V
V
CCL = 0.9V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Clock period jitter
Regional
tJIT(per)
–75
75
–85
85
–100
100
–100
100
–120
120
ps
Cycle-to-cycle period jitter
Regional
tJIT(cc)
–150
150
–170
170
–190
190
–190
190
–230
230
ps
Duty cycle jitter
Regional
tJIT(duty)
–80
80
–90
90
–100
100
–100
100
–140
140
ps
Clock period jitter
Global
tJIT(per)
–113
113
–128
128
–150
150
–150
150
–180
180
ps
Cycle-to-cycle period jitter
Global
tJIT(cc)
–225
225
–255
255
–285
285
–285
285
–340
340
ps
Duty cycle jitter
Global
tJIT(duty)
–120
120
–135
135
–150
150
–150
150
–180
180
ps
Notes to Table 1–33:
(1) The memory output clock jitter measurements are for 200 consecutive clock cycles, as specified in the JEDEC DDR2/DDR3 standard.
(2) The clock jitter specification applies to memory output clock pins generated using differential signal-splitter and DDIO circuits clocked by a PLL output routed
on a regional or global clock network as specified. Altera recommends using the regional clock networks whenever possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com