Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2LC20 Datasheet(PDF) 1 Page - Altera Corporation

Part # EPC2LC20
Description  Configuration Devices for SRAM-Based
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC2LC20 Datasheet(HTML) 1 Page - Altera Corporation

  EPC2LC20 Datasheet HTML 1Page - Altera Corporation EPC2LC20 Datasheet HTML 2Page - Altera Corporation EPC2LC20 Datasheet HTML 3Page - Altera Corporation EPC2LC20 Datasheet HTML 4Page - Altera Corporation EPC2LC20 Datasheet HTML 5Page - Altera Corporation EPC2LC20 Datasheet HTML 6Page - Altera Corporation EPC2LC20 Datasheet HTML 7Page - Altera Corporation EPC2LC20 Datasheet HTML 8Page - Altera Corporation EPC2LC20 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
January 2012
Altera Corporation
CF52005-3.0
Datasheet
© 2012 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS,
QUARTUS and STRATIX words and logos are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark
Office and in other countries. All other words and logos identified as trademarks or service marks are the property of their
respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its semiconductor
products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any
products and services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use
of any information, product, or service described herein except as expressly agreed to in writing by Altera. Altera customers are
advised to obtain the latest version of device specifications before relying on any published information and before placing orders
for products or services.
101 Innovation Drive
San Jose, CA 95134
www.altera.com
Subscribe
ISO
9001:2008
Registered
Configuration Devices for SRAM-Based
LUT Devices
This datasheet describes configuration devices for SRAM-based look-up table (LUT)
devices.
Supported Devices
Table 1 lists the supported Alteraconfiguration devices.
Features
Configuration devices for SRAM-based LUT devices offer the following features:
■
Configures Altera ACEX1K, APEX20K (including APEX 20K, APEX 20KC, and
APEX 20KE), APEX II, ArriaGX, Cyclone, Cyclone II, FLEX10K (including
FLEX 10KE and FLEX 10KA) Mercury, Stratix, Stratix GX, Stratix II, and
Stratix II GX devices
■
Easy-to-use four-pin interface
■
Low current during configuration and near-zero standby mode current
■
Programming support with the Altera Programming Unit (APU) and
programming hardware from Data I/O, BP Microsystems, and other third-party
programmers
■
Available in compact plastic packages
■
8-pin plastic dual in-line (PDIP) package
■
20-pin plastic J-lead chip carrier (PLCC) package
■
32-pin plastic thin quad flat pack (TQFP) package
■
EPC2 device has reprogrammable flash configuration memory
Table 1. Altera Configuration Devices
Device
Memory Size (Bits)
ISP Support
Cascaded
Support
Reprogrammable
Recommended
Operating Voltage (V)
EPC1
1,046,496
No
Yes
No
5.0 or 3.3
EPC2
1,695,680
Yes
Yes
Yes
5.0 or 3.3
EPC1064
65,536
No
No
No
5.0
EPC1064V
65,536
No
No
No
3.3
EPC1213
212,942
No
Yes
No
5.0
EPC1441
440,800
No
No
No
5.0 or 3.3


Similar Part No. - EPC2LC20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC2LC20 ALTERA-EPC2LC20 Datasheet
397Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2LC20N ALTERA-EPC2LC20N Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
More results

Similar Description - EPC2LC20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC1PC8 ALTERA-EPC1PC8 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC1PI8 ALTERA-EPC1PI8 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC1441PC8 ALTERA-EPC1441PC8 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2LC20N ALTERA-EPC2LC20N Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2TI32 ALTERA-EPC2TI32 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC1PI8N ALTERA-EPC1PI8N Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2LI20 ALTERA-EPC2LI20 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2LI20N ALTERA-EPC2LI20N Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC1LC20 ALTERA-EPC1LC20 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2TC32N ALTERA-EPC2TC32N Datasheet
397Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com