Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2LC20 Datasheet(PDF) 15 Page - Altera Corporation

Part # EPC2LC20
Description  Configuration Devices for SRAM-Based
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC2LC20 Datasheet(HTML) 15 Page - Altera Corporation

Back Button EPC2LC20 Datasheet HTML 11Page - Altera Corporation EPC2LC20 Datasheet HTML 12Page - Altera Corporation EPC2LC20 Datasheet HTML 13Page - Altera Corporation EPC2LC20 Datasheet HTML 14Page - Altera Corporation EPC2LC20 Datasheet HTML 15Page - Altera Corporation EPC2LC20 Datasheet HTML 16Page - Altera Corporation EPC2LC20 Datasheet HTML 17Page - Altera Corporation EPC2LC20 Datasheet HTML 18Page - Altera Corporation EPC2LC20 Datasheet HTML 19Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
IEEE Std. 1149.1 (JTAG) Boundary-Scan Testing
Page 15
Configuration Devices for SRAM-Based LUT Devices
January 2012
Altera Corporation
Figure 4 shows the timing requirements for the JTAG signals.
Table 7 lists the timing parameters and values for configuration devices.
Figure 4. EPC2 Device JTAG Waveforms
Table 7. JTAG Timing Parameters and Values
Symbol
Parameter
Min
Max
Unit
tJCP
TCK
clock period
100
—
ns
tJCH
TCK
clock high time
50
—
ns
tJCL
TCK
clock low time
50
—
ns
tJPSU
JTAG port setup time
20
—
ns
tJPH
JTAG port hold time
45
—
ns
tJPCO
JTAG port clock to output
—
25
ns
tJPZX
JTAG port high impedance to valid output
—
25
ns
tJPXZ
JTAG port valid output to high impedance
—
25
ns
tJSSU
Capture register setup time
20
—
ns
tJSH
Capture register hold time
45
—
ns
tJSCO
Update register clock to output
—
25
ns
tJSZX
Update register high impedance to valid output
—
25
ns
tJSXZ
Update register valid output to high impedance
—
25
ns
TDO
TCK
tJPZX
tJPCO
tJPH
tJPXZ
tJCP
tJPSU
tJCL
tJCH
TDI
TMS
Signal
to be
Captured
Signal
to be
Driven
tJSZX
tJSSU
tJSH
tJSCO
tJSXZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com