Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P16V8AS Datasheet(PDF) 21 Page - ATMEL Corporation

Part # P16V8AS
Description  Industry-standard Architecture Emulates Mary 20-pin PAL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

P16V8AS Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button P16V8AS Datasheet HTML 17Page - ATMEL Corporation P16V8AS Datasheet HTML 18Page - ATMEL Corporation P16V8AS Datasheet HTML 19Page - ATMEL Corporation P16V8AS Datasheet HTML 20Page - ATMEL Corporation P16V8AS Datasheet HTML 21Page - ATMEL Corporation P16V8AS Datasheet HTML 22Page - ATMEL Corporation P16V8AS Datasheet HTML 23Page - ATMEL Corporation P16V8AS Datasheet HTML 24Page - ATMEL Corporation P16V8AS Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
0364J–PLD–7/05
ATF16V8B/BQ/BQL
15. Packaging Information
15.1
20J – PLCC
2325 Orchard Parkway
San Jose, CA 95131
R
TITLE
DRAWING NO.
REV.
Notes:
1. This package conforms to JEDEC reference MS-018, Variation AA.
2. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is .010"(0.254 mm) per side. Dimension D1
and E1 include mold mismatch and are measured at the extreme
material condition at the upper or lower parting line.
3. Lead coplanarity is 0.004" (0.102 mm) maximum.
A
4.191
–
4.572
A1
2.286
–
3.048
A2
0.508
–
–
D
9.779
–
10.033
D1
8.890
–
9.042
Note 2
E
9.779
–
10.033
E1
8.890
–
9.042
Note 2
D2/E2
7.366
–
8.382
B
0.660
–
0.813
B1
0.330
–
0.533
e
1.270 TYP
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
1.14(0.045) X 45˚
PIN NO. 1
IDENTIFIER
1.14(0.045) X 45˚
0.51(0.020)MAX
0.318(0.0125)
0.191(0.0075)
A2
45˚ MAX (3X)
A
A1
B1
D2/E2
B
e
E1
E
D1
D
20J, 20-lead, Plastic J-leaded Chip Carrier (PLCC)
B
20J
10/04/01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com