Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P16V8AS Datasheet(PDF) 4 Page - ATMEL Corporation

Part # P16V8AS
Description  Industry-standard Architecture Emulates Mary 20-pin PAL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

P16V8AS Datasheet(HTML) 4 Page - ATMEL Corporation

  P16V8AS Datasheet HTML 1Page - ATMEL Corporation P16V8AS Datasheet HTML 2Page - ATMEL Corporation P16V8AS Datasheet HTML 3Page - ATMEL Corporation P16V8AS Datasheet HTML 4Page - ATMEL Corporation P16V8AS Datasheet HTML 5Page - ATMEL Corporation P16V8AS Datasheet HTML 6Page - ATMEL Corporation P16V8AS Datasheet HTML 7Page - ATMEL Corporation P16V8AS Datasheet HTML 8Page - ATMEL Corporation P16V8AS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
0364J–PLD–7/05
ATF16V8B/BQ/BQL
Note:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
4.1
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
IIL
Input or I/O Low
Leakage Current
0
≤ V
IN ≤ VIL(Max)
-35
-100
µA
IIH
Input or I/O High
Leakage Current
3.5
≤ V
IN ≤ VCC
10
µA
ICC
Power Supply
Current, Standby
V
CC = Max,
VIN = Max,
Outputs Open
B-10
Com.
55
85
mA
Ind.
55
95
mA
B-15
Com.
50
75
mA
B-15
Ind.
50
80
mA
BQ-10
Com.
35
55
mA
BQL-15
Com.
5
10
mA
BQL-15
Ind.
5
15
mA
ICC2
Clocked Power
Supply Current
VCC = Max,
Outputs Open,
f = 15 MHz
B-10
Com.
60
90
mA
Ind.
60
100
mA
B-15
Com.
55
85
mA
B-15
Ind.
55
95
mA
BQ-10
Com.
40
55
mA
BQL-15
Com.
20
35
mA
BQL-15
Ind.
20
40
mA
I
OS
(1)
Output Short
Circuit Current
V
OUT = 0.5 V
-130
mA
V
IL
Input Low Voltage
-0.5
0.8
V
V
IH
Input High Voltage
2.0
V
CC+0.75
V
V
OL
Output High Voltage
VIN = VIH or VIL,
V
CC = Min
IOL = -24 mA
Com., Ind.
0.5
V
V
OH
Output High Voltage
V
IN = VIH or VIL,
VCC = Min
I
OH = -4.0 mA
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com