Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G16V8CPMS Datasheet(PDF) 2 Page - ATMEL Corporation

Part # G16V8CPMS
Description  Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

G16V8CPMS Datasheet(HTML) 2 Page - ATMEL Corporation

  G16V8CPMS Datasheet HTML 1Page - ATMEL Corporation G16V8CPMS Datasheet HTML 2Page - ATMEL Corporation G16V8CPMS Datasheet HTML 3Page - ATMEL Corporation G16V8CPMS Datasheet HTML 4Page - ATMEL Corporation G16V8CPMS Datasheet HTML 5Page - ATMEL Corporation G16V8CPMS Datasheet HTML 6Page - ATMEL Corporation G16V8CPMS Datasheet HTML 7Page - ATMEL Corporation G16V8CPMS Datasheet HTML 8Page - ATMEL Corporation G16V8CPMS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
0425H–PLD–3/11
Atmel ATF16V8C
Figure 0-1.
Block diagram
Note:
1. Includes optional PD control pin
Figure 0-2.
Pin configurations
Pin name
Function
CLK
Clock
I
Logic inputs
I/O
Bidirectinoal buffers
OE
Output enable
V
CC
+5V supply
PD
Power-down
TSSOP
Top view
DIP/SOIC
Top view
PLCC
Top view
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
I/CLK
I1
I2
PD/I3
I4
I5
I6
I7
I8
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I9/OE
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
I/CLK
I1
I2
PD/I3
I4
I5
I6
I7
I8
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I9/OE
4
5
6
7
8
18
17
16
15
14
PD/I3
I4
I5
I6
I7
I/O
I/O
I/O
I/O
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com