Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G16V8CPMS Datasheet(PDF) 21 Page - ATMEL Corporation

Part # G16V8CPMS
Description  Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

G16V8CPMS Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button G16V8CPMS Datasheet HTML 15Page - ATMEL Corporation G16V8CPMS Datasheet HTML 16Page - ATMEL Corporation G16V8CPMS Datasheet HTML 17Page - ATMEL Corporation G16V8CPMS Datasheet HTML 18Page - ATMEL Corporation G16V8CPMS Datasheet HTML 19Page - ATMEL Corporation G16V8CPMS Datasheet HTML 20Page - ATMEL Corporation G16V8CPMS Datasheet HTML 21Page - ATMEL Corporation G16V8CPMS Datasheet HTML 22Page - ATMEL Corporation G16V8CPMS Datasheet HTML 23Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
0425H–PLD–3/11
Atmel ATF16V8C
20X – TSSOP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
20X, (Formerly 20T), 20-lead, 4.4 mm Body Width,
Plastic Thin Shrink Small Outline Package (TSSOP)
C
20X
10/23/03
6.60 (.260)
6.40 (.252)
1.20 (0.047) MAX
0.65 (.0256) BSC
0.20 (0.008)
0.09 (0.004)
0.15 (0.006)
0.05 (0.002)
INDEX MARK
6.50 (0.256)
6.25 (0.246)
SEATING
PLANE
4.50 (0.177)
4.30 (0.169)
PIN
1
0.75 (0.030)
0.45 (0.018)
0º ~ 8º
0.30 (0.012)
0.19 (0.007)
Dimensions in Millimeters and (Inches).
Controlling dimension: Millimeters.
JEDEC Standard MO-153 AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com