Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2736 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2736
Description  LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2736 Datasheet(HTML) 1 Page - Texas Instruments

  LM2736 Datasheet HTML 1Page - Texas Instruments LM2736 Datasheet HTML 2Page - Texas Instruments LM2736 Datasheet HTML 3Page - Texas Instruments LM2736 Datasheet HTML 4Page - Texas Instruments LM2736 Datasheet HTML 5Page - Texas Instruments LM2736 Datasheet HTML 6Page - Texas Instruments LM2736 Datasheet HTML 7Page - Texas Instruments LM2736 Datasheet HTML 8Page - Texas Instruments LM2736 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
VIN
VIN
EN
BOOST
SW
FB
GND
VOUT
C3
L1
C1
C2
R1
R2
D1
D2
ON
OFF
LM2736
www.ti.com
SNVS316F – SEPTEMBER 2004 – REVISED APRIL 2013
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
Check for Samples: LM2736
1
FEATURES
DESCRIPTION
The LM2736 regulator is a monolithic, high frequency,
23
•
Thin SOT-6 Package
PWM step-down DC/DC converter in a 6-pin Thin
•
3.0V to 18V Input Voltage Range
SOT package. It provides all the active functions to
•
1.25V to 16V Output Voltage Range
provide local DC/DC conversion with fast transient
response and accurate regulation in the smallest
•
750mA Output Current
possible PCB area.
•
550kHz (LM2736Y) and 1.6MHz (LM2736X)
With a minimum of external components and online
Switching Frequencies
design support through WEBENCH®, the LM2736 is
•
350m
Ω NMOS Switch
easy to use. The ability to drive 750mA loads with an
•
30nA Shutdown Current
internal 350m
Ω NMOS switch using state-of-the-art
•
1.25V, 2% Internal Voltage Reference
0.5µm BiCMOS technology results in the best power
density available. The world class control circuitry
•
Internal Soft-Start
allows for on-times as low as 13ns, thus supporting
•
Current-Mode, PWM Operation
exceptionally high frequency conversion over the
•
WEBENCH® Online Design Tool
entire 3V to 18V input operating range down to the
minimum
output
voltage
of
1.25V.
Switching
•
Thermal Shutdown
frequency is internally set to 550kHz (LM2736Y) or
1.6MHz (LM2736X), allowing the use of extremely
APPLICATIONS
small surface mount inductors and chip capacitors.
•
Local Point of Load Regulation
Even though the operating frequencies are very high,
efficiencies up to 90% are easy to achieve. External
•
Core Power in HDDs
shutdown is included, featuring an ultra-low stand-by
•
Set-Top Boxes
current of 30nA. The LM2736 utilizes current-mode
•
Battery Powered Devices
control and internal compensation to provide high-
performance
regulation
over
a
wide
range
of
•
USB Powered Devices
operating
conditions.
Additional
features
include
•
DSL Modems
internal soft-start circuitry to reduce inrush current,
•
Notebook Computers
pulse-by-pulse current limit, thermal shutdown, and
output over-voltage protection.
Typical Application Circuit
Efficiency vs Load Current "X"
VIN = 5V, VOUT = 3.3V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
WEBENCH is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2736

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736 TI-LM2736 Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736 Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI1-LM2736 Datasheet
1Mb / 27P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2736 TI2-LM2736 Datasheet
1Mb / 37P
LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
REVISED DECEMBER 2014
More results

Similar Description - LM2736

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2736 TI1-LM2736_14 Datasheet
1Mb / 27P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
Thin SOT 1-A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com