Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10SA Datasheet(PDF) 143 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 143 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 139Page - Tyco Electronics ADE10SA Datasheet HTML 140Page - Tyco Electronics ADE10SA Datasheet HTML 141Page - Tyco Electronics ADE10SA Datasheet HTML 142Page - Tyco Electronics ADE10SA Datasheet HTML 143Page - Tyco Electronics ADE10SA Datasheet HTML 144Page - Tyco Electronics ADE10SA Datasheet HTML 145Page - Tyco Electronics ADE10SA Datasheet HTML 146Page - Tyco Electronics ADE10SA Datasheet HTML 147Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 326 page
background image
Part Number
Tyco
Alcoswitch
Type
Contact Type
Electronics
2-1437567-0
APBE2RGPC
DPDT
On
(On)
Gold
Terminals Connected:
2-3 & 5-6 (2-1 & 5-4)
(On) indicates momentary position.
APBE Series
D19
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
Pushbutton Switches, Process Sealed, .157 Actuator, Straight, Retention Terminal
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold plated
Case Material ..........................Polyester
Actuator Material ....................Polyester, black
Terminals/Fixed Contacts........Copper alloy
Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +176°F (-20°C to +80°C)
Storage Temperature................-40°F to +176°F (-40°C to +80°C)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................0.4 VA Max. @ 20 VDC or peak AC
Initial Contact Resistance ........50 Milliohms max.
Insulation Resistance ..............500 Megohms @ 250 VDC min.
Dielectric Strength ..................500 Volts RMS @ sea level
Actuator Travel........................0.047" (1.19)
Life Expectancy ......................Up to 10,000 Cycles
SPDT
APBE1FGPC
DPDT
APBE2RGPC
Part Number
Tyco
Alcoswitch
Type
Contact Type
Electronics
1-1437567-8
APBE1FGPC
SPDT
On
(On)
Gold
Terminals Connected:
2-3
(2-1)
(On) indicates momentary position.
P. C. HOLE
LAYOUT
SINGLE POLE
.315
(8.00)
.100
(2.54)
TYP
.130
(3.30)
.157
(4.00)
.157
(4.00)
.098
(2.48)
Dia.
.760
(19.3)
.024
(0.61)
TYP
.047
(1.19)
STROKE
.012
(0.30)
EPOXY
SEAL
.032
(0.81)
DIA TYP
.100
(2.54)
TYP
.197
(5.00)
.374
(9.50)
.098
(2.48)
DIA
Bushing
.157
(4.00)
DIA
1
2
3
P. C. HOLE
LAYOUT
SINGLE POLE
.315
(8.00)
.100
(2.54)
TYP.
.130
(3.30)
.157
(4.00)
.157
(4.00)
.760
(19.3)
.024
(0.61)
TYP.
.047
(1.19)
STROKE
.012
(0.30)
TYP.
EPOXY
SEAL
.032
(0.81)
DIA. TYP.
.100
(2.54)
TYP.
.197
(5.00)
.374
(9.50)
Bushing
.157
(4.00)
DIA.
1
2
3
4
5
6
.100
(2.54)
.100
(2.54)
.098
(2.48)
Dia.
Extra compact double pole saves PCB real estate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com