Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10SA Datasheet(PDF) 145 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 145 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 141Page - Tyco Electronics ADE10SA Datasheet HTML 142Page - Tyco Electronics ADE10SA Datasheet HTML 143Page - Tyco Electronics ADE10SA Datasheet HTML 144Page - Tyco Electronics ADE10SA Datasheet HTML 145Page - Tyco Electronics ADE10SA Datasheet HTML 146Page - Tyco Electronics ADE10SA Datasheet HTML 147Page - Tyco Electronics ADE10SA Datasheet HTML 148Page - Tyco Electronics ADE10SA Datasheet HTML 149Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 326 page
background image
MPA3 and MPB Series
D21
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
Pushbutton Switches, Sub-Miniature, Panel Mount
Pushbutton Switches, Miniature, Over-Travel
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver clad
Case Material ..........................Thermoset
Actuator Material ....................Polyamide
Terminals ................................Silver plate
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +158°F (-20°C to +70°C)
Storage Temperature................-40°F to +176°F (-40°C to +80°C)
Solder Heat Resistantce ..........See page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................3 A @ 125 VAC
Initial Contact Resistance ........20 Milliohms max.
Contact Timing ........................Break-before-make
Insulation Resistance ..............1,000 Megohms min.
Dielectric Strength ..................1,000 Volts RMS @ sea level
Actuation Force ......................10 oz. SPST, 16 oz. SPDT average
Actuator Travel.........................100" (2.54)
Life Expectancy ......................Up to 10,000 Cycles
Note: Hardware included with switches
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver plate
Case Material ..........................Thermoset
Actuator Material ....................Polyamide
Terminals ................................Silver plate
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............+14°F to +140°F (-10°C to +60°C)
Storage Temperature................+5°F to +158°F (-15°C to +70°C)
Solder Heat Resistance ............See page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................3 A @ 125 VAC
Initial Contact Resistance ........20 Milliohms max.
Insulation Resistance ..............1,000 Megohms min.
Dielectric Strength ..................1,000 Volts RMS @ sea level
Actuator Travel.........................100" (2.54) Overtravel .059" (1.5mm)
Life Expectancy ......................20,000 Cycles
Note: Hardware included with switches
SPST/SPDT
Part Number
Tyco Electronics
Alcoswitch Type Act. Code P. M6
Action
Contact Rating
2-1437567-4
MPA103B
SPST
14
N. C. Momentary
3 Amps
2-1437567-5
MPA103C
SPST
13
N. O. Momentary
3 Amps
2-1437567-6
MPA103D
SPDT
16
Push on/push off- (tactile)
3 Amps
2-1437567-7
MPA103F
SPDT
15
Momentary - (tactile)
3 Amps
MPB Series
MPA3 Series
SPST
MPB103B
D/F
B/C
.440
(11.1)
.230
(5.84)
.460
(11.7)
DIA.
.440
(11.1)
.230
(5.84)
.460
(11.7)
DIA.
.040 x .080
(1.00 x 2.00)
OBLONG
HOLE
.150
(3.81)
.500
(12.7)
.236
(5.99)
.236
(5.99)
.210
(5.30)
DIA.
1/4 - 40 UNS 2A
.354
(8.99)
DIA.
.253 (6.45)
.250 (6.35)
DIA.
.253 (6.45)
.250 (6.35)
DIA.
Part Number
Tyco Electronics Alcoswitch Type Act. Code P. M6 Action
Actuator Color
3-1437567-9
MPB103B
SPST
14
N.C. Momentary
Black
4-1437567-0
MPB103C
SPST
13
N.O. Momentary
Red
.410
(10.41)
DIA.
.250
(6.35)
.480
(12.1)
DIA.
.390
(9.91)
.420
(10.6)
.280
(7.11)
.508
(12.93)
.180
(4.57)
.320
(8.12)
1/4-40 UNS-2A
.055
(1.39)
0.11
(2.79)
.020
(0.50)
MPA103C
Black Cap supplied. Other colors available, order separately.
(See Cap C5 and C8 on Page D32.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com