Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10SA Datasheet(PDF) 206 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 206 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 202Page - Tyco Electronics ADE10SA Datasheet HTML 203Page - Tyco Electronics ADE10SA Datasheet HTML 204Page - Tyco Electronics ADE10SA Datasheet HTML 205Page - Tyco Electronics ADE10SA Datasheet HTML 206Page - Tyco Electronics ADE10SA Datasheet HTML 207Page - Tyco Electronics ADE10SA Datasheet HTML 208Page - Tyco Electronics ADE10SA Datasheet HTML 209Page - Tyco Electronics ADE10SA Datasheet HTML 210Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 326 page
background image
G7
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
G
6000 Series
Rotary Switches, PC Mount, 10 or 16 Position
10-POSITION
SINGLE POLE
16-POSITION
HEXADECIMAL
Switch
Common to:
Position 0 12 3456 789
0
•
1
•
2
•
3
•
4
•
5
•
6
•
7
•
8
•
9
•
Switch
Common to:
Position
12
48
0
1
•
2
•
3
••
4
•
5
••
6
••
7
•••
8
•
9
•
•
10
•
•
11
••
•
12
••
13
•• •
14
•••
15
• •••
Bar-Type Knob
Part No. 2-435097-1
Recommended PC Board Hole Pattern
(Switch Side)
Bar-Type Knob
Part No. 1-435167-1
Datum for
Slotted &
Bar Switches
Indexing Cursor
for Thumbwheel
Switch
.046 ± .003
[1.17 ± 0.08]
Dia. (11)
10 Sectors
at 36°
7
.490 ± .010
[12.45 ± 0.25]
Dia.
6
.040
[1.016]
8
9
0
1
2
3
4
5
C
AG 41582D
AMP
41582D.p30 il A
3/7/91
.750
[19.05]
Dia.
.220
[5.59]
.220
[5.59]
Screwdriver/Coin Actuated
Part No. 1-435097-1
.750
[19.05]
Dia.
.190
[4.83]
.370
[9.40]
.220
[5.59]
.810
[20.75]
Dia.
.190
[4.83]
.360
[9.14]
.950
[24.13]
Dia.
Thumbwheel
Part No. 435097-1 (Shown)
Part No. 435097-2 (With Numbers 1 - 10)
.920
[23.37]
Dia.
.190
[4.83]
.360
[9.14]
.220
[5.59]
.065 ± .001
[1.65 ± 0.03]
Dia. (5)
.615
[15.62]
1
2
AG 41582D
AMP
41582D.p30 il B
3/7/91
Datum for
Slotted & Bar Switches
Indexing Cursor
for Thumbwheel
Switch
8
4
60°
45°
-15°
C
Dia.
Recommended PC Board Hole Pattern
(Switch Side)
.990
[25.15]
Dia.
.190
[4.83]
1.100
[27.94]
Dia.
.360
[9.14]
Thumbwheel
Part No. 2-435167-1 (Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com